Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1PCA000A103 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # A1PCA000A103
Description  The A01 and A02 series offer ranges of:pushbutton switches, illuminated or not
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A1PCA000A103 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button A1PCA000A103 Datasheet HTML 4Page - List of Unclassifed Manufacturers A1PCA000A103 Datasheet HTML 5Page - List of Unclassifed Manufacturers A1PCA000A103 Datasheet HTML 6Page - List of Unclassifed Manufacturers A1PCA000A103 Datasheet HTML 7Page - List of Unclassifed Manufacturers A1PCA000A103 Datasheet HTML 8Page - List of Unclassifed Manufacturers A1PCA000A103 Datasheet HTML 9Page - List of Unclassifed Manufacturers A1PCA000A103 Datasheet HTML 10Page - List of Unclassifed Manufacturers A1PCA000A103 Datasheet HTML 11Page - List of Unclassifed Manufacturers A1PCA000A103 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
APEM
www.apem.com
G-9
G
A01 series
Emergency stop switches
Panel cut-out Ø 16 (.630)
60 mm Ø Self
Adhesive Label
(.020)
(.709)
(.110)
(.709)
(.472)
12.00
0.50
18.00
2.80
18.00
C
D
• Prominent 24 mm (.944) dia. or optional 40 mm (1.575) dia. red mushroom actuator
• Highly reliable positive break switch
• Push to shut off switch, twist to reset to ON
• Approved to UL 1054
An emergency stop switch assembly requires
: operator + switch block.
To order, specify with single pole or double pole positive break switch block.
N.C.
Operator
Switch block
Accessory
‚
ƒ
General specifications
• Min. mechanical life : 6.050 cycles (6 cycles per minute)
• Operating force / torque : 16 N / 0,1 Nm
• Operating temperature : -20°C to +55°C
• Solder heat resistance : 350°C, 5 secs (IEC 68-2-2-20Tb, method 2)
• Degree of environmental protection (IEC 529) :
IP65 front of panel, IP40 back of panel
• Switch terminals : solder/quick-connect 2,8 mm (.110) (IEC 68-2-20)
Electrical specifications
• Current/voltage rating :
1,5A 250VAC AC-15
• Contact gap : > 3 mm (.118)
• Dielectric strength : 2.900V
• Electrical life : 6.050 cycles
Option : SP3 version
No of poles
Part No
Single pole
A0150BUL
Double pole
A0154BUL
Description
Part No
24 mm Ø Emergency stop
A01ES
40 mm Ø Emergency stop
A01ES SP3
Description
Part No
Yellow label with text
A01YL1
Yellow label
A01YL2


Similar Part No. - A1PCA000A103

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A1P25S12M3 STMICROELECTRONICS-A1P25S12M3 Datasheet
806Kb / 15P
   ACEPACKTM 1 sixpack topology, 1200 V, 25 A, trench gate field‑stop M series IGBT with soft diode and NTC
November 2018 Rev 4
A1P25S12M3-F STMICROELECTRONICS-A1P25S12M3-F Datasheet
960Kb / 16P
   ACEPACKTM 1 sixpack topology, 1200 V, 25 A, trench gate field‑stop M series IGBT with soft diode and NTC
November 2018 Rev 5
A1P35S12M3 STMICROELECTRONICS-A1P35S12M3 Datasheet
797Kb / 15P
   ACEPACKTM 1 sixpack topology, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
November 2018 Rev 5
A1P35S12M3-F STMICROELECTRONICS-A1P35S12M3-F Datasheet
949Kb / 16P
   ACEPACKTM 1 sixpack topology, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
November 2018 Rev 5
A1P50S65M2 STMICROELECTRONICS-A1P50S65M2 Datasheet
791Kb / 14P
   ACEPACKTM 1 sixpack topology, 650 V, 50 A, trench gate field‑stop M series IGBT with soft diode and NTC
November 2018 Rev 3
More results

Similar Description - A1PCA000A103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0151B ETC2-A0151B Datasheet
822Kb / 7P
   ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
logo
New Jersey Semi-Conduct...
VG1X NJSEMI-VG1X Datasheet
102Kb / 1P
   These rectifiers offer high voltage ranges in minimum-sized
logo
E-SWITCH
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
   Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
   Illuminated Pushbutton Switches
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com