Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP4CE75F23I7N Datasheet(PDF) 6 Page - Altera Corporation

Part # EP4CE75F23I7N
Description  Cyclone IV Device Datasheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE75F23I7N Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP4CE75F23I7N Datasheet HTML 2Page - Altera Corporation EP4CE75F23I7N Datasheet HTML 3Page - Altera Corporation EP4CE75F23I7N Datasheet HTML 4Page - Altera Corporation EP4CE75F23I7N Datasheet HTML 5Page - Altera Corporation EP4CE75F23I7N Datasheet HTML 6Page - Altera Corporation EP4CE75F23I7N Datasheet HTML 7Page - Altera Corporation EP4CE75F23I7N Datasheet HTML 8Page - Altera Corporation EP4CE75F23I7N Datasheet HTML 9Page - Altera Corporation EP4CE75F23I7N Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
1–6
Chapter 1: Cyclone IV Device Datasheet
Operating Conditions
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
ESD Performance
This section lists the electrostatic discharge (ESD) voltages using the human body
model (HBM) and charged device model (CDM) for Cyclone IV devices general
purpose I/Os (GPIOs) and high-speed serial interface (HSSI) I/Os. Table 1–5 lists the
ESD for Cyclone IV devices GPIOs and HSSI I/Os.
VCCH_GXB
Transceiver output buffer power supply
2.375
2.5
2.625
V
VCCA_GXB
Transceiver PMA and auxiliary power
supply
2.375
2.5
2.625
V
VCCL_GXB
Transceiver PMA and auxiliary power
supply
1.16
1.2
1.24
V
VI
DC input voltage
–0.5
3.6
V
VO
DC output voltage
0
VCCIO
V
TJ
Operating junction temperature
For commercial use
0
85
°C
For industrial use
–40
100
°C
tRAMP
Power supply ramp time
Standard power
-on reset
(POR) (7)
50 µs
50 ms
Fast POR (8)
50 µs
3 ms
IDiode
Magnitude of DC current across
PCI-clamp diode when enabled
——10
mA
Notes to Table 1–4:
(1) All VCCA pins must be powered to 2.5 V (even when PLLs are not used) and must be powered up and powered down at the same time.
(2) You must connect VCCD_PLL to VCCINT through a decoupling capacitor and ferrite bead.
(3) Power supplies must rise monotonically.
(4) VCCIO for all I/O banks must be powered up during device operation. Configurations pins are powered up by VCCIO of I/O Banks 3, 8, and 9 where
I/O Banks 3 and 9 only support VCCIO of 1.5, 1.8, 2.5, 3.0, and 3.3 V. For fast passive parallel (FPP) configuration mode, the VCCIO level of I/O
Bank 8 must be powered up to 1.5, 1.8, 2.5, 3.0, and 3.3 V.
(5) You must set VCC_CLKIN to 2.5 V if you use CLKIN as a high-speed serial interface (HSSI) refclk or as a DIFFCLK input.
(6) The CLKIN pins in I/O Banks 3B and 8B can support single-ended I/O standard when the pins are used to clock left PLLs in non-transceiver
applications.
(7) The POR time for Standard POR ranges between 50 and 200 ms. VCCINT, VCCA, and VCCIO of I/O Banks 3, 8, and 9 must reach the recommended
operating range within 50 ms.
(8) The POR time for Fast POR ranges between 3 and 9 ms. VCCINT, VCCA, and VCCIO of I/O Banks 3, 8, and 9 must reach the recommended operating
range within 3 ms.
Table 1–4. Recommended Operating Conditions for Cyclone IV GX Devices (Part 2 of 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 1–5. ESD for Cyclone IV Devices GPIOs and HSSI I/Os
Symbol
Parameter
Passing Voltage
Unit
VESDHBM
ESD voltage using the HBM (GPIOs) (1)
± 2000
V
ESD using the HBM (HSSI I/Os) (2)
± 1000
V
VESDCDM
ESD using the CDM (GPIOs)
± 500
V
ESD using the CDM (HSSI I/Os) (2)
± 250
V
Notes to Table 1–5:
(1) The passing voltage for EP4CGX15 and EP4CGX30 row I/Os is ±1000V.
(2) This value is applicable only to Cyclone IV GX devices.


Similar Part No. - EP4CE75F23I7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE75F23C8N ALTERA-EP4CE75F23C8N Datasheet
383Kb / 14P
   Cyclone IV FPGA Device Faily Overview
More results

Similar Description - EP4CE75F23I7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX22BF14C6N ALTERA-EP4CGX22BF14C6N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22F17I7N ALTERA-EP4CE22F17I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23I7N ALTERA-EP4CGX75CF23I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com