Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMT2030192-2000-D Datasheet(PDF) 4 Page - CUI INC

Part # AMT2030192-2000-D
Description  MODULAR ENCODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT2030192-2000-D Datasheet(HTML) 4 Page - CUI INC

  AMT2030192-2000-D Datasheet HTML 1Page - CUI INC AMT2030192-2000-D Datasheet HTML 2Page - CUI INC AMT2030192-2000-D Datasheet HTML 3Page - CUI INC AMT2030192-2000-D Datasheet HTML 4Page - CUI INC AMT2030192-2000-D Datasheet HTML 5Page - CUI INC AMT2030192-2000-D Datasheet HTML 6Page - CUI INC AMT2030192-2000-D Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
date 02/12/2013
│ page 4 of 7
CUI Inc
│ SERIES: AMT203 │ DESCRIPTION: MODULAR ENCODER
MECHANICAL DRAWING
0.55
R2.100.083
25.48 1.003
1.70 0.067
(2 PLCS)
16.00 0.630
0.116
(2 PLCS)
2.00 0.079
(4 PLCS)
22.000.866
21.450.844
20.900.823
19.050.750
2.95
12.60 0.496
15.33 0.604
A (3 PLCS)
10.93 0.430
37.39 1.472
10.340.407
15.300.602
R0.610
15.49
28.581.125
SPECIFIED
±0.05mm UNLESS OTHERWISE
TOLERANCE:
RoHS
DETAIL A
SCALE 4 : 1
AMT203 ABS WWYY
US Patent No. 6892590
SCALE 5:1
18.60mm
R1.20mm


Similar Part No. - AMT2030192-2000-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT203 CUI-AMT203 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
AMT203 CUI-AMT203 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
AMT203 CUI-AMT203 Datasheet
375Kb / 6P
   12 BIT ABSOLUTE ENCODER
AMT203-0096-2000 CUI-AMT203-0096-2000 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
AMT203-0096-3000 CUI-AMT203-0096-3000 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
More results

Similar Description - AMT2030192-2000-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT10 CUI-AMT10_13 Datasheet
617Kb / 8P
   MODULAR ENCODER
AMT30 CUI-AMT30 Datasheet
624Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
   MODULAR ENCODER
LME CUI-LME Datasheet
874Kb / 5P
   modular incremental encoder
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
BME CUI-BME Datasheet
343Kb / 6P
   modular incremental encoder
01/2009
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
   MODULAR INCREMENTAL ENCODER
11/18/2021
AMT22 CUI-AMT22_V01 Datasheet
687Kb / 9P
   MODULAR ABSOLUTE ENCODER
02/22/2022
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/04/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com