Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMT102-0048-N3175-S Datasheet(PDF) 4 Page - CUI INC

Part # AMT102-0048-N3175-S
Description  MODULAR ENCODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT102-0048-N3175-S Datasheet(HTML) 4 Page - CUI INC

  AMT102-0048-N3175-S Datasheet HTML 1Page - CUI INC AMT102-0048-N3175-S Datasheet HTML 2Page - CUI INC AMT102-0048-N3175-S Datasheet HTML 3Page - CUI INC AMT102-0048-N3175-S Datasheet HTML 4Page - CUI INC AMT102-0048-N3175-S Datasheet HTML 5Page - CUI INC AMT102-0048-N3175-S Datasheet HTML 6Page - CUI INC AMT102-0048-N3175-S Datasheet HTML 7Page - CUI INC AMT102-0048-N3175-S Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
cui.com
date
07/26/2013 │ page 4 of 8
CUI Inc
│ SERIES: AMT10X │ DESCRIPTION: MODULAR ENCODER
MECHANICAL DRAWING
0.866
22.00
20.90 0.823
15.75 0.620
20.00 0.787
19.05 0.750
16.00 0.630
0.083
(4 PLCS)
2.10
1.000
25.40
0.116
(2 PLCS)
0.067
R1.05 0.041
.28 0.022
2.87 0.113
(2 PLCS)
20.96 0.825
(2 PLCS)
2.95
1.70
12.40 0.488
DETAIL A
SCALE 4 : 1
A (3 PLCS)
TOLERANCE:
±0.05mm UNLESS OTHERWISE
15.34 0.604
9.00 0.354
43.38 1.708
0.610
R15.50
15.30 0.602
28.77 1.133


Similar Part No. - AMT102-0048-N3175-S

ManufacturerPart #DatasheetDescription
logo
CUI Devices
AMT102-0512-15000-S CUID-AMT102-0512-15000-S Datasheet
869Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/05/2022
More results

Similar Description - AMT102-0048-N3175-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT203 CUI-AMT203_13 Datasheet
524Kb / 7P
   MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT30 CUI-AMT30 Datasheet
624Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
   MODULAR ENCODER
LME CUI-LME Datasheet
874Kb / 5P
   modular incremental encoder
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
BME CUI-BME Datasheet
343Kb / 6P
   modular incremental encoder
01/2009
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
   MODULAR INCREMENTAL ENCODER
11/18/2021
AMT22 CUI-AMT22_V01 Datasheet
687Kb / 9P
   MODULAR ABSOLUTE ENCODER
02/22/2022
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/04/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com