Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2117 Datasheet(PDF) 11 Page - International Rectifier

Part # IR2117
Description  Gate drive supply range from 10 to 20V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2117 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2117 Datasheet HTML 7Page - International Rectifier IR2117 Datasheet HTML 8Page - International Rectifier IR2117 Datasheet HTML 9Page - International Rectifier IR2117 Datasheet HTML 10Page - International Rectifier IR2117 Datasheet HTML 11Page - International Rectifier IR2117 Datasheet HTML 12Page - International Rectifier IR2117 Datasheet HTML 13Page - International Rectifier IR2117 Datasheet HTML 14Page - International Rectifier IR2117 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
IR2117(S)/IR2118(S) & (PbF)
www.irf.com
11
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
M ax.
Figure 12A. Offset Supply Leakage Current
vs. Temperature
0
100
200
300
400
500
0
100
200
300
400
500
600
V
B Boost Voltage (V)
M ax.
Figure 12B. Offset Supply Leakage
Current vs. VB Boost Voltage
0
200
400
600
800
1000
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 13A. V
BS Supply Curre nt
vs. Temperature
Typ.
M ax.
0
200
400
600
800
1000
10
12
14
16
18
20
V
BS Supply Voltage (V)
Figure 13B. V
BS Supply Curre nt
vs. Supply Voltage
Typ.
M ax.


Similar Part No. - IR2117

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2117 IRF-IR2117 Datasheet
266Kb / 7P
   SINGLE CHANNEL DRIVER
IR2117 IRF-IR2117 Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
IR2117 IRF-IR2117 Datasheet
267Kb / 18P
   SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2117 INFINEON-IR2117 Datasheet
269Kb / 18P
   SINGLE CHANNEL DRIVER
Data Sheet No. PD60146 Rev O
logo
International Rectifier
IR2117PBF IRF-IR2117PBF Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
More results

Similar Description - IR2117

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21094SPBF IRF-IR21094SPBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR21844STRPBF IRF-IR21844STRPBF Datasheet
298Kb / 24P
   Gate drive supply range from 10 to 20V
IR2184SPBF IRF-IR2184SPBF Datasheet
294Kb / 24P
   Gate drive supply range from 10 to 20V
IR2109PBF IRF-IR2109PBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR21084SPBF IRF-IR21084SPBF Datasheet
327Kb / 23P
   Gate drive supply range from 10 to 20V
IR2302STRPBF IRF-IR2302STRPBF Datasheet
212Kb / 22P
   Gate drive supply range from 5 to 20V
IRS21850STRPBF IRF-IRS21850STRPBF Datasheet
344Kb / 20P
   Gate drive supply range from 10 V to 20 V
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
logo
M.S. Kennedy Corporatio...
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
   Single Supply Operation From 20V to 45V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com