Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL494DT Datasheet(PDF) 9 Page - IK Semicon Co., Ltd

Part # IL494DT
Description  PWM Control Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL494DT Datasheet(HTML) 9 Page - IK Semicon Co., Ltd

  IL494DT Datasheet HTML 1Page - IK Semicon Co., Ltd IL494DT Datasheet HTML 2Page - IK Semicon Co., Ltd IL494DT Datasheet HTML 3Page - IK Semicon Co., Ltd IL494DT Datasheet HTML 4Page - IK Semicon Co., Ltd IL494DT Datasheet HTML 5Page - IK Semicon Co., Ltd IL494DT Datasheet HTML 6Page - IK Semicon Co., Ltd IL494DT Datasheet HTML 7Page - IK Semicon Co., Ltd IL494DT Datasheet HTML 8Page - IK Semicon Co., Ltd IL494DT Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
I L 494
2011, February, Rev. 02
N SUFFIX PLASTIC DIP
(MS - 001BB)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AC)
Symbol
MIN
MAX
A
9.8
10
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
0
°
8
°
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
5.72
2.54
7.62
1.27
Dimension, mm
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
16
8
9
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
16
8
9


Similar Part No. - IL494DT

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL494DT IKSEMICON-IL494DT Datasheet
746Kb / 9P
   PWM Control Circuit
More results

Similar Description - IL494DT

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK494 KODENSHI-KK494 Datasheet
265Kb / 5P
   PWM Control Circuit
logo
IK Semicon Co., Ltd
IL494 IKSEMICON-IL494_16 Datasheet
746Kb / 9P
   PWM Control Circuit
IL494A IKSEMICON-IL494A Datasheet
230Kb / 5P
   PWM Control Circuit
logo
System Logic Semiconduc...
SL494 SLS-SL494 Datasheet
38Kb / 4P
   PWM Control Circuit
logo
Hynix Semiconductor
GL494 HYNIX-GL494 Datasheet
94Kb / 7P
   PWM CONTROL CIRCUIT
logo
Integral Corp.
IL494 INTEGRAL-IL494 Datasheet
169Kb / 4P
   PWM Control Circuit
logo
IK Semicon Co., Ltd
IL494A IKSEMICON-IL494A_09 Datasheet
334Kb / 9P
   PWM Control Circuit
IL494 IKSEMICON-IL494 Datasheet
230Kb / 5P
   PWM Control Circuit
IL494A IKSEMICON-IL494A_16 Datasheet
696Kb / 9P
   PWM Control Circuit
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com