Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL358 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IL358
Description  Low Power Dual Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL358 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IL358_11 Datasheet HTML 1Page - IK Semicon Co., Ltd IL358_11 Datasheet HTML 2Page - IK Semicon Co., Ltd IL358_11 Datasheet HTML 3Page - IK Semicon Co., Ltd IL358_11 Datasheet HTML 4Page - IK Semicon Co., Ltd IL358_11 Datasheet HTML 5Page - IK Semicon Co., Ltd IL358_11 Datasheet HTML 6Page - IK Semicon Co., Ltd IL358_11 Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TECHNICAL DATA
2011, January, Rev. 02
L ow Power Dual Oper ational Amplifier
The IL358 contains two independent high gain operational amplifiers
with internal frequency compensation. The two op-amps operate over a
wide voltage range from a single power supply. Also use a split power
supply. The device has low power supply current drain, regardless of the
power supply voltage. The low power drain also makes the IL358 a good
choice for battery operation.
When your project calls for a traditional op-amp function, now you can
streamline your design with a simple single power supply. Use ordinary
+ 5VDC common to practically any digital system or personal computer
application, without requiring an extra 15V power supply just to have the
interface electronics you need.
The IL358 is a versatile, rugged workhorse with a thousand-and-one
uses, from amplifying signals from a variety of transducers to dc gain
blocks, or any op-amp function. The attached pages offer some recipes that
will have your project cooking in no time.
Internally frequency compensated for unity gain
Large DC voltage gain: 100dB
Wide power supply range:
3V ~ 32V (or
±1.5V ~ ±16V)
Input common-mode voltage range includes ground
Large output voltage swing: 0V DC to V
CC-1. 5V DC
Power drain suitable for battery operation
Low input offset voltage and offset current
Differential input voltage range equal to the power supply voltage
Possible to exchange the position of Pin9 for Pin1 because of Pin
Connection being symmetric (IL358S only)
IL358
SIP-9
SIP-8
ORDERI NG I NFORM ATI ON
IL358N Plastic
IL358D SOIC
IL358S-9 SIP-9
IL358S SIP-8
T
A =
-40
° to 85° C
for all packages.
PI N ASSI GNM ENT
L OGI C DI AGRAM
PIN 4 = GND
PIN 8= V
CC


Similar Part No. - IL358_11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL3585 ETC1-IL3585 Datasheet
327Kb / 8P
   PROFIBUS Compatible Isolated RS485 Interface
IL3585E ETC1-IL3585E Datasheet
327Kb / 8P
   PROFIBUS Compatible Isolated RS485 Interface
IL3585ETR13 ETC1-IL3585ETR13 Datasheet
327Kb / 8P
   PROFIBUS Compatible Isolated RS485 Interface
IL3585TR13 ETC1-IL3585TR13 Datasheet
327Kb / 8P
   PROFIBUS Compatible Isolated RS485 Interface
logo
Integral Corp.
IL358D INTEGRAL-IL358D Datasheet
186Kb / 4P
   Low Power Dual Operational Amplifier
More results

Similar Description - IL358_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
   Low power dual operational amplifier
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
   Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
   Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
   Low power dual operational amplifier
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
   Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
   Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
   Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com