Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-5300 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5300
Description  Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5300 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-5300_12 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300_12 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300_12 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300_12 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300_12 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300_12 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300_12 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300_12 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-5300_12 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
CMR With The LED Off (CMRH)
A high CMR LED drive circuit must keep the LED off
(VF ≤ VF(OFF)) during common mode transients. For
example, during a +dVCM/dt transient in Figure 18, the
current flowing through CLEDN is supplied by the parallel
combination of the LED and series resistor. As long as the
voltage developed across the resistor is less than VF(OFF)
the LED will remain off and no common mode failure will
occur. Even if the LED momentarily turns on, the 100 pF
capacitor from pins 6-5 will keep the output from dipping
below the threshold. The recommended LED drive circuit
(Figure 13) provides about 10 V of margin between
the lowest optocoupler output voltage and a 3 V IPM
threshold during a 10 kV/
s transient with VCM=1000 V.
Additional margin can be obtained by adding a diode
in parallel with the resistor, as shown by the dashed line
connection in Figure 18, to clamp the voltage across the
LED below VF(OFF).
Since the open collector drive circuit, shown in Figure 19,
cannot keep the LED off during a +dVCM/dt transient, it is
not desirable for applications requiring ultra high CMRH
performance. Figure 20 is the AC equivalent circuit for
Figure 16 during common mode transients. Essentially
all the current flowing through CLEDN during a +dVCM/dt
transient must be supplied by the LED. CMRH failures can
occur at dv/dt rates where the current through the LED
and CLEDN exceeds the input threshold. Figure 21 is an
alternative drive circuit which does achieve ultra high
CMR performance by shunting the LED in the off state.
IPM Dead Time and Propagation Delay Specifications
These devices include a Propagation Delay Difference
specification intended to help designers minimize “dead
time”in their power inverter designs. Dead time is the time
period during which both the high and low side power
transistors (Q1 and Q2 in Figure 22) are off. Any overlap in
Q1 and Q2 conduction will result in large currents flowing
through the power devices between the high and low
voltage motor rails.
To minimize dead time the designer must consider the
propagation delay characteristics of the optocoupler
as well as the characteristics of the IPM IGBT gate drive
circuit. Considering only the delay characteristics of the
optocoupler (the characteristics of the IPM IGBT gate drive
circuit can be analyzed in the same way) it is important
to know the minimum and maximum turn-on (tPHL) and
turn-off (tPLH) propagation delay specifications, preferably
over the desired operating temperature range.
The limiting case of zero dead time occurs when the input
to Q1 turns off at the same time that the input to Q2 turns
on. This case determines the minimum delay between
LED1 turn-off and LED2 turn-on, which is related to the
worst case optocoupler propagation delay waveforms,
as shown in Figure 23. A minimum dead time of zero is
achieved in Figure 23 when the signal to turn on LED2
is delayed by (tPLHmax - tPHLmin) from the LED1 turn off.
This delay is the maximum value for the propagation
delay difference specification which is specified at 500 ns
for the HCPL-530X over an operating temperature range
of -55° C to +125° C.
Delaying the LED signal by the maximum propagation
delay difference ensures that the minimum dead time is
zero, but it does not tell a designer what the maximum
dead time will be. The maximum dead time occurs in
the highly unlikely case where one optocoupler with the
fastest tPLH and another with the slowest tPHL are in the
same inverter leg. The maximum dead time in this case
becomes the sum of the spread in the tPLH and tPHL pro-
pagation delays as shown in Figure 24. The maximum
dead time is also equivalent to the difference between the
maximum and minimum propagation delay difference
specifications. The maximum dead time (due to the opto-
couplers) for the HCPL-530X is 670 ns (= 500 ns - (-170 ns))
over an operating temperature range of -55° C to +125° C.


Similar Part No. - HCPL-5300_12

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5300-100 HP-HCPL-5300-100 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results

Similar Description - HCPL-5300_12

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com