Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7851 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7851
Description  Hermetically Sealed Analog Isolation Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7851 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7851 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7851 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7851 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7851 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7851 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7851 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7851 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7851 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7851 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
AC Electrical Specifications
Over recommended operating conditions (TA = -55° C to +125° C, VIN+ = 0 V, VIN– = 0 V, VDD1 = 5 V and VDD2 = 5 V, unless
otherwise specified).
Parameter
Symbol
Group A[12]
Subgroups
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Common Mode
Rejection
CMR
9
5
8
5.0
kV/
s
VCM = 1 kV
4.5 V ≤ (VDD1, VDD2)
≤ 5.5 V, TA = 25° C
16
8, 13
Propagation
Delay to 50%
tPD50
9, 10, 11
3.7
7.5
s
VIN+ = 0 to 100 mV step
4.5 V ≤ (VDD1, VDD2)
≤ 5.5 V
18, 19
Propagation
Delay to 90%
tPD90
9, 10, 11
5.7
11.0
Rise/Fall Time
(10-90%)
tR/F
9, 10, 11
3.4
7.5
Small-Signal
Bandwidth
(-3 dB)
f-3 dB
9, 10, 11
45
100
kHz
4.5 V ≤ (VDD1, VDD2)
≤ 5.5 V
VIN+ = 200 mVpk-pk
18, 20,
21
14
Small-Signal
Bandwidth
(-45°)
f-45°31
RMS Input-
Referred Noise
VN
0.6
mVrms
In recommended
application circuit
22, 24
9
Power Supply
Rejection
PSR
570
mVP-P
10
*
All typicals are at the nominal operating conditions of VIN+ = 0 V, VIN– = 0 V, TA = 25˚ C, VDD1 = 5 V and VDD2 = 5 V.
Notes:
1.
If VIN– is brought above VDD1 -2 V with respect to GND1 an internal test mode may be activated. This test mode is not intended for customer use.
2.
Exact offset value is dependent on layout of external bypass capacitors. The offset value in the data sheet corresponds to Avago’s recommended
layout (see Figures 26 and 27).
3.
Nonlinearity is defined as half of the peak-to-peak output deviation from the best-fit gain line, expressed as a percentage of the full-scale
differential output voltage.
4.
Because of the switched capacitor nature of the sigma-delta A/D converter, time averaged values are shown.
5.
CMRRIN is defined as the ratio of the gain for differential inputs applied between pins 2 and 3 to the gain for both common mode inputs applied
to both pins 2 and 3 with respect to pin 4.
6.
When the differential input signal exceeds approximately 320 mV, the outputs will limit at the typical values shown.
7.
Short-circuit current is the amount of output current generated when either output is shorted to VDD2 or ground. Avago does not recommend
operations under these conditions.
8.
CMR (also known as IMR or Isolation Mode Rejection) specifies the minimum rate of rise of a common mode signal applied across the isolation
boundary at which small output perturbations begin to occur. These output perturbations can occur with both the rising and falling edges of
the common mode waveform and may be of either polarity. A CMR failure is defined as a perturbation exceeding 200 mV at the output of the
recommended application circuit (Figure 24). See Applications section for more information on CMR.
9.
Output noise comes from two primary sources: chopper noise and sigma-delta quantization noise. Chopper noise results from chopper
stabilization of the output op-amps. It occurs at a specific frequency (typically 500 kHz) and is not attenuated by the on-chip output filter. The
on-chip filter does eliminate most, but not all, of the sigma-delta quantization noise. An external filter circuit may be easily added to the external
post-amplifier to reduce the total RMS output noise. See Applications section for more information.
10. Data sheet value is the amplitude of the transient at the differential output of the device when a 1 VP-P, 1 MHz square wave with 100 ns rise and
fall times (measured at pins 1 and 8) is applied to both VDD1 and VDD2.
11. Device considered a two-terminal device: Pins 1, 2, 3, and 4 are shorted together and pins 5, 6, 7, and 8 are shorted together.
12. Commercial parts receive 100% testing at 25° C (Subgroups 1 and 9). Hi-Rel and SMD parts receive 100% testing at 25° C, +125° C and -55° C
(Subgroups 1 and 9, 2 and 10, 3 and 11, respectively).
13. Parameters are tested as part of device initial characterization and after design and process changes only. Parameters are guaranteed to limits
specified for all lots not specifically tested.
14. The f-3dB test is guaranteed by the TRISE test.


Similar Part No. - HCPL-7851

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7851 HP-HCPL-7851 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Broadcom Corporation.
HCPL-7851 BOARDCOM-HCPL-7851 Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7851-100 HP-HCPL-7851-100 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
HCPL-7851-200 HP-HCPL-7851-200 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
HCPL-7851-300 HP-HCPL-7851-300 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - HCPL-7851

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
   Isolation Amplifi er
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Sanyo Semicon Device
MCH3914 SANYO-MCH3914 Datasheet
217Kb / 4P
   High-Frequency Amplifi er, Analog Switch Applications
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com