Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFIC1817 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRFIC1817
Description  1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1817 Datasheet(HTML) 2 Page - Motorola, Inc

  MRFIC1817 Datasheet HTML 1Page - Motorola, Inc MRFIC1817 Datasheet HTML 2Page - Motorola, Inc MRFIC1817 Datasheet HTML 3Page - Motorola, Inc MRFIC1817 Datasheet HTML 4Page - Motorola, Inc MRFIC1817 Datasheet HTML 5Page - Motorola, Inc MRFIC1817 Datasheet HTML 6Page - Motorola, Inc MRFIC1817 Datasheet HTML 7Page - Motorola, Inc MRFIC1817 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MRFIC1817
2
MOTOROLA RF DEVICE DATA
RECOMMENDED OPERATING RANGES
Parameter
Symbol
Value
Unit
Supply Voltage
VD1, 2, 3
2.7 to 5
Vdc
Gate Voltage
VSS
–3.5 to –4.5
Vdc
RF Frequency Range
fRF
1700 to 1900
MHz
RF Input Power
PRF
0 to 6
dBm
ELECTRICAL CHARACTERISTICS (VD1, 2, 3 = 3.6 V, VSS = –4 V, Pin = 5 dBm, Peak Measurement at 12.5% Duty Cycle, 4.6 ms
Period, TA = 25°C unless otherwise noted. Measured in Reference Circuit Shown in Figure 1)
Characteristic
Min
Typ
Max
Unit
Frequency Range
1710
1785
MHz
Output Power
32
33.5
dBm
Power Added Efficiency
35
42
%
Output Power (PCS 1900 Tuning f = 1850 to 1910 MHz)
33.5
dBm
Power Added Efficiency (PCS 1900 Tuning f = 1850 to 1910 MHz)
42
%
Input VSWR
2:1
VSWR
Harmonic Output (2nd and 3rd)
–35
–30
dBc
Output Power at Low voltage (VD1, VD2, VD3 = 3.0 V)
30
32
dBm
Output Power Isolation (VD1, VD2, VD3 = 0 V)
–40
–30
dBm
Noise Power (In 100 kHz, 1805 to 1880 MHz)
–85
–80
dBm
Stability – Spurious Output (Pin = 5 dBm, Pout = 0 to 33 dBm, Load
VSWR = 6:1 at any Phase Angle, Source VSWR = 3:1, at any Phase Angle) (1)
–60
dBc
Load Mismatch stress (Pout = 33 dBm, Load VSWR = 10:1 at
any Phase Angle) (1)
No Degradation in Output Power after Returning to
Standard Conditions
3 dB VDD Bandwidth
2
MHz
Negative Supply Current
0.7
2
mA
(1)
Adjust VD1, 2, 3 (0 to 3.6 V) for specified Pout; Duty Cycle = 12.5%, Period = 4.6 ms.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
L2
NC
RF IN
NC
NC
C7 C6
C3
C2
C1
L1
RF
OUT
C4
VSS
C1
1 nF
C2, C6, C8
22 pF, NPO/COG
C3, C7, C9 47 nF
C4
5.6 pF, AVX0603 ACCUF
C5
3.9 pF, AVX0603 ACCUF
C10, C11
1 pf
T2
6 mm 50
Ω Microstrip Line
T3
5 mm 40
Ω Microstrip Line
T4
1 mm 40
Ω Microstrip Line
T5
5.5 mm 50
W Microstrip Line
Board Material: Glass/Epoxy,
εr = 4.45,
Thickness = 0.5 mm
VD1 VD2
VD3
T1
T3
C9 C8
T4
Figure 1. Reference Circuit Configuration
L1
18 nH, Coilcraft or 20 mm
50
Ω Microstrip Line
L2
1.8 nH, Toko 2012
R1
2.7 K
W
R2
2.2 K
T1
2.5 mm 50
Ω Microstrip Line
C5
T2
R1
R2
C11
T5
C10
NOTE: For PCS 1900 tuning the following values are changed.
C5 = 2.7 pF, AVX0603 ACCUF
L2 = 1.5 nH, Toko 2012
T3 = 1 mm 50
Ω Microstrip Line


Similar Part No. - MRFIC1817

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1813 MOTOROLA-MRFIC1813 Datasheet
157Kb / 8P
   1.9 GHz UPMIXER AND EXCITER AMPLIFIER
MRFIC1814 MOTOROLA-MRFIC1814 Datasheet
79Kb / 4P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC1817

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
RF Micro Devices
RF2145 RFMD-RF2145 Datasheet
76Kb / 6P
   DCS1800/1900 POWER AMPLIFIER
logo
NXP Semiconductors
BGY284 PHILIPS-BGY284 Datasheet
241Kb / 23P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900
2003 Aug 20
BGY288 PHILIPS-BGY288 Datasheet
140Kb / 22P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
Rev. 01-2 February 2005
logo
Motorola, Inc
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
RMBA19500A FAIRCHILD-RMBA19500A Datasheet
88Kb / 7P
   PCS1900 2 Watt GaAs MMIC Power Amplifier
logo
Toshiba Semiconductor
TG2401F TOSHIBA-TG2401F Datasheet
219Kb / 7P
   GaAs Linear Integrated Circuit GaAs Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com