Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

618026330923 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 618026330923
Description  D-SUB FEMALE HIGH DENSITY ANGLED PCB CONNECTOR WITH SCREW
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

618026330923 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  618026330923 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
H
28-AUG-12
DIM
GG
APPROVAL: RJ
UNIT: MM
DESCRIPTION: D-SUB FEMALE HIGH DENSITY ANGLED PCB CONNECTOR
WITH SCREW
SCALE:
SHEET: 1/1
WERI PART NO: 618 0xx 330 923
DRAW:
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.3
.XX = +/- 0.2
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PBT
FLAMABILITY RATING: UL94-V0
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: SELECTIVE GOLD
SHIELDING: STEEL NICKEL PLATED
QUALITY CLASS: 3 AS PER CECC 75 301-802
ENVIRONMENTAL
OPERATING TEMPERATURE: -40 UP TO 85°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 3A AC,DC
WORKING VOLTAGE: 60V AC,DC
INSULATOR RESISTANCE: >5000 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 1000V AC/MN
CONTACT RESISTANCE: 30 mOHM MAX
SOLDERING: WAVE PROCESS ONLY
PACKAGING
TRAY
ACCESSORIES
UNC 4-40 RIVET / HEX SCREW / BOARD LOCK
DIMENSION
PINS
A
B
C
D
E
F
15
16.3
25.0
30.8
2.29
1.14
7.04
26
24.6
33.3
39.2
2.29
1.14
6.88
44
38.3
47.1
53.1
2.29
1.14
6.88
62
54.8
63.5
69.4
2.41
1.20
7.00
.
X = +/- 0.5
FITS FOR 1.6MM PCB / TOLERANCES: ±0.05mm
RECOMMENDED P.C.B LAYOUT - COMPOENT VIEW


Similar Part No. - 618026330923

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
618026325323 WURTH-618026325323 Datasheet
479Kb / 3P
   D-SUB MALE HIGH DENSITY ANGLED PCB CONNECTOR WITHOUT SCREW
J 04-OCT-18
More results

Similar Description - 618026330923

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6180XX325323 WURTH-6180XX325323 Datasheet
479Kb / 3P
   D-SUB MALE HIGH DENSITY ANGLED PCB CONNECTOR WITHOUT SCREW
J 04-OCT-18
logo
Assmann Electronics Inc...
A-HDF15LL-WP ASSMANN-A-HDF15LL-WP Datasheet
255Kb / 1P
   D-SUB, HIGH DENSITY, FEMALE
logo
Molex Electronics Ltd.
1731130157 MOLEX-1731130157 Datasheet
298Kb / 2P
   HPD HIGH DENSITY D-SUB, RIGHT ANGLE PCB CONNECTOR, WITH MACHINED FEMALE SOCKET CONTACTS
2021/11/25
logo
CONEC Elektronische Bau...
6STD25SAT99S40X CONEC-6STD25SAT99S40X Datasheet
1Mb / 2P
   D-SUB Female 25pos. Solder pin angled 90° with metal bracket,threaded insert,PCB snap,hexlocking screw
17.10.2018
logo
WECO ELECTRICAL CONNECT...
950-LH WECO-950-LH Datasheet
62Kb / 1P
   PCB connector Screw connection, with angled solder pin, pottable
06.11
logo
Assmann Electronics Inc...
A-HDF15AA-WP ASSMANN-A-HDF15AA-WP Datasheet
261Kb / 1P
   D-SUB, HIGH DENSITY, FEMALE, 15PIN, 90 ?
A-HDF26PP-WP ASSMANN-A-HDF26PP-WP Datasheet
259Kb / 1P
   D-SUB, HIGH DENSITY, FEMALE, 26PIN, 180 ?
A-HDF44PP-WP ASSMANN-A-HDF44PP-WP Datasheet
267Kb / 1P
   D-SUB, HIGH DENSITY, FEMALE, 44PIN, 180 ?
logo
Adam Technologies, Inc.
HDT15ST ADAM-TECH-HDT15ST Datasheet
197Kb / 2P
   HIGH DENSITY D-SUB STRAIGHT PCB TAIL
logo
CONEC Elektronische Bau...
6STD37SAU99R30X CONEC-6STD37SAU99R30X Datasheet
577Kb / 2P
   D-SUB Female 37pos. Solder pin 90° angled threaded insert, metal bracket, PCB snap. hexl. screw
12.07.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com