Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7115 Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # ICM7115
Description  LOW COST SINGLE CHIP TELEPHONE IC WITH VOLUME CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7115 Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  ICM7115 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ICM7115
LOW COST SINGLE CHIP TELEPHONE IC
WITH VOLUME CONTROL
Rev. 2.5
ICmic reserves the right to change the specifications without prior notice
2
PIN DESCRIPTION
Pin No
Symbol
Description
1
AGND
Analog Ground
1.4V regulated voltage output. Used by internal amplifiers. External capacitor
about 100uF should be connected to this pin.
2
VDD
Regulated Supply Voltage
When HS_DPB pin is HIGH, the VDD pin is regulated to 3.5V, and the input
power is extracted from VDDI pin. When HS_DPB is LOW, VDD should be
externally powered and it must not fall below 1.0V to retain the redial
memory. Most internal circuits are powered by VDD pin.
3
VDDI
Supply Input Voltage
Power for the chip is extracted from this VDDI pin. See also VDD pin
description. At steady state, VDDI is regulated to 4.3V by use of external PNP
transistor whose base terminal is connected to the TXO pin. See typical
application circuit. The external PNP transistor also functions to drain the
excess line current.
4
GND
Ground
5
TXO
Transmit Output
Transmit output is to be connected to external PNP transistor (typically
medium power PNP) for the modulation of line voltage and for shorting the
line during make period of pulse dialing. See the typical application circuit. The
external PNP transistor also functions to drain the excess line current.
6
VL
Line Voltage
If line-loss compensation (LLC) scheme is not used, then this pin can be
shorted to GND. If LLC scheme is used, then this pin is used to sense the line
current. The sense resistor (R11 in typical application circuit) must be 30 ohm
for the LLC scheme to work properly. The receive and transmit gains are
adjusted according to the sensed current and the chosen LLC scheme. See
also description on “Line Loss Compensation” section. Since VL pin will
typically experience high transient voltage, it is advisable to properly add
external protection circuit to suppress the high transient voltage which can
damage the pin.
7
LLC
Line Loss Compensation
Line loss compensation scheme options:
LLC=GND
- No LLC scheme.
LLC=AGND
- “Low” LLC scheme.
LLC=VDD
- “High” LLC scheme.
The receive and transmit gains are adjusted according to the sensed current
and the chosen LLC scheme. See description on “Line Loss Compensation”
section.
8
FOPT0
Flash Option
Flash duration options:
GND (logic 0) – 300ms flash duration.
VDD (logic 1) – 600ms flash duration.
9
MFL0
DTMF Option
Transmitted DTMF level options:
GND (logic 0): typical -8/-10dB.
VDD (logic 1): typical -6/-8dB.
10
HS_DPB
Hook Switch Input and Dial Pulse Output
When off-hook, this pin needs to be pulled HIGH (by the hook switch) to
activate the speech and dialer circuits. When on-hook this pin needs to be
pulled LOW to activate ringer circuit and deactivate speech and dialer circuits.
During pulse dialing (while off-hook, and pulse dialing mode is chosen), this
pin is pulled LOW during line-break periods.


Similar Part No. - ICM7115

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
More results

Similar Description - ICM7115

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7102B ICMIC-ICM7102B Datasheet
364Kb / 12P
   LOW COST SINGLE CHIP TELEPHONE IC
logo
List of Unclassifed Man...
ICM7101D ETC-ICM7101D Datasheet
212Kb / 11P
   LOW COST SINGLE CHIP TELEPHONE IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
   ELECTRONIC VOLUME CONTROL IC
logo
ATMEL Corporation
U2008B ATMEL-U2008B_07 Datasheet
341Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-MFPY ATMEL-U2010B-MFPY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2008B ATMEL-U2008B Datasheet
70Kb / 10P
   Low-Cost Phase-Control IC with Soft Start
U2008B-MY ATMEL-U2008B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-MY ATMEL-U2010B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com