Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-5503 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-5503
Description  14.2 mm (0.56 inch) Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-5503 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-5503 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-5503 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-5503 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-5503 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-5503 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-5503 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-5503 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-5503 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-5503 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Contrast Enhancement
The objective of contrast enhancement is to provide
good display readability in the end use ambient light.
The concept is to employ both luminance and chromi-
nance contrast techniques to enhance the readability.
This is accomplished by having the OFF dots blend into
the display background and the ON dots stand out vividly
against this same background. Therefore, these display
devices are assembled with a gray package and matching
encapsulating epoxy in the dots.
Contrast enhancement may be achieved by using one of
the following suggested filters:
Standard Red and AlGaAs Red (HDSP-5300/H150)
Panelgraphic RUBY RED 60
SGL-Homalite H100-1605 RED
3M Louvered Filter R6610 RED or N0210 GRAY
HER (HDSP-5500)
Panelgraphic SCARLET RED 60
SGL-Homalite H100-1670 RED or H100-1250 GRAY
3M Louvered Filter R6610 RED or N0210 GRAY
Yellow (HDSP-5700)
Panelgraphic YELLOW 27 or GRAY 10
SGL-Homalite H100-1720 AMBER or H100-1250 GRAY
3M Louvered Filter A5910 AMBER or N0210 GRAY
Green (HDSP-5600)
Panelgraphic GREEN 48
SGL-Homalite H100-1440 GREEN or H100-1250 GRAY
3M Louvered Filter YG6610 RED or N0210 GRAY
For further information on contrast enhancement please
see Application Note 1015.
Mechanical
Specially developed plastics are used to optimize the
displays optical performance. These plastics restrict the
solvents that may be used for cleaning. Only mixtures of
Freon (F113) and alcohol should be used for vapor clean-
ing processes. Total immersion time in the vapors is two
minutes. Some suggested mixtures are Freon TE, Arklone
A or K, or Genesolv DI-15 or DE-15. A 60°C (140°F) water
cleaning process may also be used. This process includes
a neutralizer rinse (3% ammonia solution or equivalent),
a surfactant rinse (1% detergent solution or equivalent),
a water rinse, and a thorough air dry. Room temperature
cleaning may be done with Freon T-E35 or T-P35, Ethanol,
Isopropanol, or water with a mild detergent.
Cleaning agents from the ketone family (acetone, methyl
ethyl ketone, etc.) and from the chlorinated hydrocarbon
family (methylene chloride, trichloroethylene, carbon tet-
rachloride, etc.) are not recommended for cleaning LED
parts. All of these various solvents attack or dissolve the
encapsulating epoxies used to form the package of plastic
LED parts.


Similar Part No. - HDSP-5503

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-5503 HP-HDSP-5503 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5503 HP-HDSP-5503 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5503 HP-HDSP-5503 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-5503 AVAGO-HDSP-5503 Datasheet
352Kb / 10P
   Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5503-00000 HP-HDSP-5503-00000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
More results

Similar Description - HDSP-5503

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-K40X HP-HDSP-K40X Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP5303 HP-HDSP5303 Datasheet
328Kb / 9P
   14.2 MM SEVEN SEGMENT DISPLAYS
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com