Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-9100-024 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-9100-024
Description  Surface-Mount Proximity Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-9100-024 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-9100-024 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Block Layout
Figure 1. Block Layout of HSDL-9100
Pins Configuration Table
Notes:
Voltage to supply across the LED; VLED
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Ratings
Units
Min.
Max
Emitter
Continuous Forward Current
IDC
-
100
mA
Coupled
Total Power Dissipation (refer to Figure 1)
Operating Temperature
Storage Temperature
Reflow Soldering Temperature
PTOT
TOP
TSTG
TSOL
-
-40
-40
-
165
+85
+100
260
mW
°C
°C
°C
Electrical-Optical Characteristics (Ta=25°C)
Parameter
Symbol
Test Condition
Ratings
Units
Min
Typ
Max
Emitter
Forward Voltage
Reverse Voltage
Peak Wavelength
Spectrum Width of Half Value
VF
VR
lp
Dp
IF = 100mA
IR = 10
PA
IF = 20mA
IF = 20mA
-
5
-
-
1.50
-
940
50
1.65
-
-
-
V
V
nm
nm
Detector
Dark Current
Forward Voltage
Reverse Breakdown Voltage
IDark
VF
VBR
VR = 10V, L** = 0
IF = 10mA , L=0
IR = 100uA, L = 0
-
0.5
-
2
-
-
10
1.3
35
nA
V
V
Coupled
Output Current
Peak Output Distance
Operating Cross Talk Current
Rise Time (LED)
Fall Time (LED)
Rise Time (Photodiode)
Fall Time (Photodiode)
IO
DO
IFD
TRL
TFL
TRD
TFD
Refer to Fig 2
Refer Note 1
Refer to Fig 3
RL = 50
:
RL = 50
:
RL = 5.1K
:
RL = 5.1K
:
-
-
-
-
-
-
-
10
5
-
50
50
6
6
-
-
200
-
-
-
-
PA
mm
nA
ns
ns
Ps
Ps
** L = 0 (zero light condition)
Note:
1. ILed = 300mA Pulse, 5% Duty Cycle (Kodak 18% Reflectance Gray Card)
LED
Photodiode
LED_A
LED_K
DET_K
DET_A
TOP VIEW
1
2
3
4
Pin
Symbol
Description
Notes
1
LED_A
LED Anode
1
2
LED_K
LED Cathode
-
3
DET_A
Photodiode Anode
-
4
DET_K
Photodiode Cathode
-


Similar Part No. - HSDL-9100-024

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100-021 AVAGO-HSDL-9100-021 Datasheet
356Kb / 12P
   Surface-Mount Proximity Sensor
More results

Similar Description - HSDL-9100-024

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100 AVAGO-HSDL-9100 Datasheet
356Kb / 12P
   Surface-Mount Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com