Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-7610 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-7610
Description  7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-7610 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-7610 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-7610 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-7610 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-7610 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-7610 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-7610 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-7610 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-7610 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-7610 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Internal Circuit Diagram
Absolute Maximum Ratings
Description
AlGaAs Red
HDSP-E150
Series
HER
5082-7610/
7650 Series
Yellow
5082-7620/
7660 Series
Green
HDSP-3600/
4600 Series
Units
Average Power per Segment or DP
96
105
80
105
mW
Peak Forward Current per Segment or DP
160[1]
90[3]
60[5]
90[7]
mA
DC Forward Current per Segment or DP
40[2]
30[4]
20[6]
30[8]
mA
Operating Temperature Range
-20 to +100[9]
-40 to +100
°C
Storage Temperature Range
-55 to +100°C
°C
Reverse Voltage per Segment or DP
3.0 V
V
Wave Soldering Temperature for 3 Seconds
(1.59 mm [0.063 in.] below Body)
250
°C
Notes:
1. See Figure 1 to establish pulsed conditions.
2. Derate above 46°C at 0.54 mA/°C.
3. See Figure 6 to establish pulsed conditions.
4. Derate above 53°C at 0.45 mA/°C.
5. See Figure 7 to establish pulsed conditions.
6. Derate above 81°C at 0.52 mA/°C.
7. See Figure 8 to establish pulsed conditions.
8. Derate above 39°C at 0.37 mA/°C.
9. For operation below -20°C, contact your local Avago components sales office or an authorized distributor.


Similar Part No. - HDSP-7610

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-701A AVAGO-HDSP-701A Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-701A-00000 HP-HDSP-701A-00000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
HDSP-701A-0I000 HP-HDSP-701A-0I000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
HDSP-701A-0J000 HP-HDSP-701A-0J000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
More results

Similar Description - HDSP-7610

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Broadcom Corporation.
5082-761X BOARDCOM-5082-761X Datasheet
1Mb / 12P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven-Segment Displays
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-740X AVAGO-HDSP-740X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
218Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-740X HP-HDSP-740X Datasheet
121Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com