Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-331Y Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-331Y
Description  7.62 mm (0.3 inch) General Purpose Seven-Segment Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-331Y Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-331Y Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-331Y Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-331Y Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-331Y Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-331Y Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-331Y Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-331Y Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-331Y Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP-331Y Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Absolute Maximum Ratings at TA = 25° C
Description
HER
HDSP-33xE
Green
HDSP-33xG
AlGaAs Red
HDSP-33xA
Yellow
HDSP-33xY
Units
Power Dissipation Segment
65
65
30
52
mW
Forward Current Segment
25 [1]
25 [2]
15 [3]
20 [4]
mA
Peak Forward Current per Segment
(1/10 Duty Factor at 10 kHz)
100
100
80
80
mA
Operating Temperature Range
-35 to +85
-35 to +85
-35 to +85
-35 to +85
°C
Storage Temperature Range
-35 to +85
-35 to +85
-35 to +85
-35 to +85
°C
Reverse Voltage per Segment or DP
5555V
Wavesoldering Temperature for 3 Seconds
(at 2 mm Distance from the Body)
250
250
250
250
°C
Note:
1. Derate above 25° C at 0.33 mA/°C.
2. Derate above 25° C at 0.33 mA/°C.
3. Derate above 25° C at 0.2 mA/°C.
4. Derate above 25° C at 0.27 mA/°C.
Electrical/Optical Characteristics at TA = 25° C
High Efficiency Red (HER)
Device
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
331E
333E
333E
334E
Luminous Intensity/Segment
IV
1.15
mcd
IF = 5 mA
0.8
1.80
IF = 10 mA
Forward Voltage
VF
2.05
2.40
V
IF = 20 mA
Peak Wavelength
PEAK
635
nm
Dominant Wavelength
d
620
nm
Reverse Voltage
VR
5V
IR = 100
A
Green
Device
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
331G
333G
334G
Luminous Intensity/Segment
IV
0.8
2.00
mcd
IF = 10 mA
Forward Voltage
VF
2.07
V
IF = 10 mA
1.80
2.25
2.60
IF = 20 mA
Peak Wavelength
PEAK
568
nm
Dominant Wavelength
d
573
nm
Reverse Voltage
VR
5V
IR = 100
A


Similar Part No. - HDSP-331Y

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-331Y HP-HDSP-331Y Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331Y AVAGO-HDSP-331Y Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-331Y-00000 HP-HDSP-331Y-00000 Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-331Y-00100 HP-HDSP-331Y-00100 Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-331Y-00200 HP-HDSP-331Y-00200 Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results

Similar Description - HDSP-331Y

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331X AVAGO-HDSP-331X Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-511X HP-HDSP-511X Datasheet
353Kb / 10P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
   SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
Lite-On Technology Corp...
LTS-312AG LITEON-LTS-312AG Datasheet
112Kb / 5P
   The LTS-312AG is a 0.3-inch (7.62-mm) digit height single digit seven-segment display
logo
Agilent(Hewlett-Packard...
HP5082-7740 HP-HP5082-7740 Datasheet
311Kb / 8P
   7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-311X AVAGO-HDSP-311X Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com