Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-563G Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-563G
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-563G Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-563G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Description
Theseslimfontsevensegmentdisplaysincorporateanew
slim font character design. This slim font features narrow
width, specially mitered segments to give a fuller appear-
ance to the illuminated character. Faces of these displays
are painted a neutral gray for enhanced on/off contrast.
All devices are available in either common anode or
common cathode configuration with right hand decimal
point.
Features
• Excellent appearance
• Slim font design
• Mitered corners, evenly illuminated segments
• Gray face for optimum on/off contrast
• Choice of colors: HER, green, yellow, and AlGaAs
• Choice of character size: 10 mm and 13 mm
• Characterized for luminous intensity
Devices
HER
Green
Yellow
AlGaAs
HDSP-
HDSP-
HDSP-
HDSP-
Description
301E
301G
301Y
301A
CommonAnode,10mmDisplay
303E
303G
303Y
303A
CommonCathode,10mmDisplay
561E
561G
561Y
561A
CommonAnode,13mmDisplay
563E
563G
563Y
563A
CommonCathode,13mmDisplay
HDSP-301x/303xSeries
HDSP-561x/563xSeries
10mmand13mmSlimFontSevenSegmentDisplays
DataSheet


Similar Part No. - HDSP-563G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-563G HP-HDSP-563G Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-563G-00000 HP-HDSP-563G-00000 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-563G-00200 HP-HDSP-563G-00200 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-563G-00300 HP-HDSP-563G-00300 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-563G-0K000 HP-HDSP-563G-0K000 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-563G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com