Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-313G Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-313G
Description  10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-313G Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-313G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Absolute Maximum Ratings at TA = 25° C
Description
HER
HDSP-31xE
Green
HDSP-31xG
AlGaAs Red
HDSP-31xA
Yellow
HDSP-31xY
Units
Power Dissipation Segment
65
65
30
52
mW
Forward Current Segment
25 [1]
25 [2]
15 [3]
20 [4]
mA
Peak Forward Current per Segment
(1/10 Duty Factor at 10 kHz)
100
100
80
80
mA
Operating Temperature Range
-35 to +85
-35 to +85
-35 to +85
-35 to +85
°C
Storage Temperature Range
-35 to +85
-35 to +85
-35 to +85
-35 to +85
°C
Reverse Voltage per Segment or DP
5555V
Wavesoldering Temperature for 3 Seconds
(at 2 mm Distance from the Body)
250
250
250
250
°C
Note:
1. Derate above 25° C at 0.33 mA/°C.
2. Derate above 25° C at 0.33 mA/°C.
3. Derate above 25° C at 0.2 mA/°C.
4. Derate above 25° C at 0.27 mA/°C.
Electrical/Optical Characteristics at TA = 25° C
High Efficiency Red (HER)
Device
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
311E
313E
Luminous Intensity/Segment
IV
1.49
mcd
IF = 5 mA
1.25
3.20
IF = 10 mA
Forward Voltage
VF
2.05
2.40
V
IF = 20 mA
Peak Wavelength
PEAK
635
nm
Dominant Wavelength
d
620
nm
Reverse Voltage
VR
5V
IR = 100
A
Green
Device
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
311G
313G
Luminous Intensity/Segment
IV
1.25
3.20
mcd
IF = 10 mA
Forward Voltage
VF
2.06
V
IF = 10 mA
1.80
2.25
2.60
IF = 20 mA
Peak Wavelength
PEAK
568
nm
Dominant Wavelength
d
573
nm
Reverse Voltage
VR
5V
IR = 100
A


Similar Part No. - HDSP-313G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-313G AVAGO-HDSP-313G Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
HDSP-313G AVAGO-HDSP-313G Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-313G AVAGO-HDSP-313G Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results

Similar Description - HDSP-313G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-311X AVAGO-HDSP-311X Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
HDSP-G01E AVAGO-HDSP-G01E_12 Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-G01X HP-HDSP-G01X Datasheet
111Kb / 12P
   Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
logo
Lite-On Technology Corp...
LTS-4640AE LITEON-LTS-4640AE Datasheet
106Kb / 5P
   The LTS-4640AE is a 0.4-inch (10.16-mm) digit height single digit seven-segment display.
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS4801G LITEON-LTS4801G Datasheet
128Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
LUMEX INC.
LDS-A402RI LUMEX-LDS-A402RI Datasheet
70Kb / 1P
   0.4 SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
Lite-On Technology Corp...
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
   0.4 inch (10.0mm) digit height single digit, seven-segment display
LTC-4625G LITEON-LTC-4625G Datasheet
390Kb / 6P
   0.4 inch (10 mm) digit height quadruple digit seven-segment display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com