Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-313E Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-313E
Description  10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-313E Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-313E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-313E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-313E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-313E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-313E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-313E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-313E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-313E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP-313E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved. Obsoletes 5988-2969EN
AV02-3585EN - June 11, 2012
Figure 13. Maximum allowable average or DC current vs. ambient
temperature.
Figure 14. Forward current vs. forward voltage.
Figure 15. Relative luminous intensity vs. DC forward current.
Figure 16. Relative efficiency (luminous intensity per unit current) vs. peak
current.
Yellow
YELLOW
25
20
15
10
5
0
0
20
40
60
80
100
TA – AMBIENT TEMPERATURE – °C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
120
100
80
60
40
20
0
VF – FORWARD VOLTAGE – V
3.5
2.5
2.0
1.5
1.0
0.5
0
IF – FORWARD CURRENT FOR SEGMENT – mA
0
5
10
15
20
25
30
35
3.0
1.4
0
0
5
10
15
20
25
30
35
40
45
50
IPEAK – PEAK FORWARD CURRENT PER SEGMENT – mA
0.2
0.4
0.6
0.8
1.0
1.2


Similar Part No. - HDSP-313E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-313E AVAGO-HDSP-313E Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
More results

Similar Description - HDSP-313E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-311X AVAGO-HDSP-311X Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
HDSP-G01E AVAGO-HDSP-G01E_12 Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-G01X HP-HDSP-G01X Datasheet
111Kb / 12P
   Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
logo
Lite-On Technology Corp...
LTS-4640AE LITEON-LTS-4640AE Datasheet
106Kb / 5P
   The LTS-4640AE is a 0.4-inch (10.16-mm) digit height single digit seven-segment display.
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS4801G LITEON-LTS4801G Datasheet
128Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
LUMEX INC.
LDS-A402RI LUMEX-LDS-A402RI Datasheet
70Kb / 1P
   0.4 SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
Lite-On Technology Corp...
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
   0.4 inch (10.0mm) digit height single digit, seven-segment display
LTC-4625G LITEON-LTC-4625G Datasheet
390Kb / 6P
   0.4 inch (10 mm) digit height quadruple digit seven-segment display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com