Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-311E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-311E
Description  10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-311E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-311E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-311E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-311E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-311E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-311E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-311E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-311E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-311E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-311E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Internal Circuit Diagram
10
9
7
5
421
6
AB
C
D
E
F
G
DP
3.8 COM
PIN NO.
1
2
3
4
5
6
7
8
9
10
CONNECTION
ANODE G
ANODE F
COMMON CATHODE
ANODE E
ANODE D
ANODE DP
ANODE C
COMMON CATHODE
ANODE B
ANODE A
HDSP-313E/313G/313Y/313A
COMMON CATHODE RIGHT HAND DECIMAL
113
10
8
7
2
11
9
AB
C
D
E
F
G
DP
3.14 COM
PIN No.
1
2
3
7
8
9
10
11
13
14
CONNECTION
CATHODE A
CATHODE F
COMMON ANODE
CATHODE E
CATHODE D
CATHODE DP
CATHODE C
CATHODE G
CATHODE B
COMMON ANODE
PINS 4, 5, 6, 12: NO PIN
HDSP-311E/311G/311Y/311A
COMMON ANODE RIGHT HAND DECIMAL


Similar Part No. - HDSP-311E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-311E AVAGO-HDSP-311E Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
More results

Similar Description - HDSP-311E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-311X AVAGO-HDSP-311X Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
HDSP-G01E AVAGO-HDSP-G01E_12 Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-G01X HP-HDSP-G01X Datasheet
111Kb / 12P
   Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
logo
Lite-On Technology Corp...
LTS-4640AE LITEON-LTS-4640AE Datasheet
106Kb / 5P
   The LTS-4640AE is a 0.4-inch (10.16-mm) digit height single digit seven-segment display.
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS4801G LITEON-LTS4801G Datasheet
128Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
LUMEX INC.
LDS-A402RI LUMEX-LDS-A402RI Datasheet
70Kb / 1P
   0.4 SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
Lite-On Technology Corp...
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
   0.4 inch (10.0mm) digit height single digit, seven-segment display
LTC-4625G LITEON-LTC-4625G Datasheet
390Kb / 6P
   0.4 inch (10 mm) digit height quadruple digit seven-segment display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com