Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR760 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MBR760
Description  7.5 Ampere Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MBR760 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MBR760 Datasheet HTML 1Page - Fairchild Semiconductor MBR760 Datasheet HTML 2Page - Fairchild Semiconductor MBR760 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR735 - MBR760, Rev. A
Schotty Barrier Rectifier
(continued)
Typical Characteristics
Transient Thermal Impedance
0.01
0.1
1
10
100
0.1
1
10
100
T. PULSE DURATION (sec.)
Non-Repetitive Surge Current
12
5
10
20
50
100
25
50
75
100
125
150
175
NUMBER OF CYCLES AT 60Hz
Typical Junction Capacitance
0.1
1
10
100
10
100
1000
5000
REVERSE VOLTAGE (V)
MBR750-MBR760
MBR735-MBR745
Forward Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
0.01
0.1
1
10
50
FORWARD VOLTAGE (V)
Pulse Width = 300
µS
2% Duty Cycle
T = 25 C
º
A
T = 125 C
º
A
MBR735-MBR745
MBR750-MBR760
Forward Current Derating Curve
0
25
50
75
100
125
150
175
0
2
4
6
8
10
AMBIENT TEMPERATURE ( C)
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.00mm) LOAD
LENGTHS
º
MBR735-MBR745
MBR750-MBR760
Reverse Characteristics
0
20406080
100
120
140
0.001
0.01
0.1
1
10
50
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 25 C
º
A
T = 75 C
º
A
T = 125 C
º
A
MBR735-MBR745
MBR750-MBR760
MBR750-MBR760
MBR735-MBR745


Similar Part No. - MBR760

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR760 VISHAY-MBR760 Datasheet
127Kb / 5P
   Schottky Barrier Rectifier
01-Jan-2022
logo
Diodes Incorporated
MBR760 DIODES-MBR760 Datasheet
65Kb / 2P
   7.5A SCHOTTKY BARRIER RECTIFIER
DS23007 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
MBR760 TSC-MBR760 Datasheet
656Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR760 VISHAY-MBR760 Datasheet
143Kb / 6P
   Schottky Barrier Rectifier
Revision: 14-Jun-12
logo
SMC Diode Solutions Co....
MBR760 SMCDIODE-MBR760 Datasheet
263Kb / 6P
   SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - MBR760

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR735 TSC-MBR735_11 Datasheet
248Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SR735 JGD-SR735 Datasheet
154Kb / 2P
   7.5 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR735 TSC-MBR735_1 Datasheet
266Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
MBR735 TSC-MBR735_10 Datasheet
656Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
logo
First Components Intern...
FBR735 FCI-FBR735 Datasheet
129Kb / 2P
   7.5 Amp SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR735 TSC-MBR735 Datasheet
60Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
logo
Yea Shin Technology Co....
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120S TRSYS-SB120S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620 TRSYS-SB1620 Datasheet
147Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com