Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-301E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-301E
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-301E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-301E_07 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-301E_07 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-301E_07 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-301E_07 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-301E_07 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-301E_07 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-301E_07 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-301E_07 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-301E_07 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
HDSP-301E/303E
IVBinCategory
Min.
Max.
I
1.100
.00
K
1.800
3.00
HDSP-561Y/563Y
IVBinCategory
Min.
Max.
K
1.800
3.00
L
.800
5.00
HDSP-301Y/303Y
IVBinCategory
Min.
Max.
I
1.100
.00
K
1.800
3.00
HDSP-301A/303A/561A/563A
IVBinCategory
Min.
Max.
F
0.80
0.50
G
0.50
0.900
HDSP-301G/303G/561G/563G
IVBinCategory
Min.
Max.
K
1.800
3.00
L
.800
5.00
IntensityBinLimits(mcd)
Green
Yellow
HER
AlGaAsRed
DominantWavelength(nm)
Color
Bin
Min.
Max.
Green
3
50.00
5.50

5.00
51.50
Yellow

58.50
590.00
3
58.00
58.50
ColorCategories
Note:
1. All categories are established for classification of products. Products
may not be available in all categories. Please contact your Avago rep-
resentatives for further clarification/information.
Yellow
HER
HDSP-561E/563E
IVBinCategory
Min.
Max.
K
.001
3.
L
3.01
5.05
Note: Tolerance is ± 10%


Similar Part No. - HDSP-301E_07

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-301E-00000 HP-HDSP-301E-00000 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301E-0I000 HP-HDSP-301E-0I000 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301E-0K000 HP-HDSP-301E-0K000 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-301E_07

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com