Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2535CT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MBR2535CT
Description  30 Ampere Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MBR2535CT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MBR2535CT Datasheet HTML 1Page - Fairchild Semiconductor MBR2535CT Datasheet HTML 2Page - Fairchild Semiconductor MBR2535CT Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR2535CT - MBR2560CT, Rev. A
Schotty Barrier Rectifier
(continued)
Typical Characteristics
Forward Current Derating Curve
0
25
50
75
100
125
150
175
0
6
12
18
24
30
AMBIENT TEMPERATURE ( C)
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.00mm) LOAD
LENGTHS
º
Transient Thermal Impedance
0.01
0.1
1
10
100
0.1
1
10
100
T. PULSE DURATION (sec.)
Non-Repetitive Surge Current
12
5
10
20
50
100
0
25
50
75
100
125
150
NUMBER OF CYCLES AT 60Hz
Typical Junction Capacitance
0.1
1
10
100
100
200
500
1000
2000
5000
REVERSE VOLTAGE (V)
MBR2535CT-MBR2545CT
MBR2550CT-MBR2560CT
Forward Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
0.01
0.1
1
10
50
FORWARD VOLTAGE (V)
Pulse Width = 300
µS
2% Duty Cycle
T = 25 C
º
A
T = 150 C
º
A
MBR2535CT-MBR2545CT
MBR2550CT-MBR2560CT
Reverse Characteristics
0
20406080
100
120
140
0.001
0.01
0.1
1
10
50
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 25 C
º
A
T = 75 C
º
A
T = 125 C
º
A
MBR2535CT-MBR2545CT
MBR2550CT-MBR2560CT
MBR2550CT-MBR2560CT
MBR2535CT-MBR2545CT


Similar Part No. - MBR2535CT

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
MBR2535CT DSK-MBR2535CT Datasheet
370Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Motorola, Inc
MBR2535CT MOTOROLA-MBR2535CT Datasheet
82Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
Vishay Siliconix
MBR2535CT VISHAY-MBR2535CT Datasheet
512Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
logo
Kersemi Electronic Co.,...
MBR2535CT KERSEMI-MBR2535CT Datasheet
139Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
logo
Sirectifier Semiconduct...
MBR2535CT SIRECTIFIER-MBR2535CT Datasheet
92Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
More results

Similar Description - MBR2535CT

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MBR3020CT YEASHIN-MBR3020CT Datasheet
1Mb / 4P
   30 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB3030PT YEASHIN-SB3030PT Datasheet
370Kb / 2P
   30 AMPERE SCHOTTKY BARRIER RECTIFIERS
MBR3020FCT YEASHIN-MBR3020FCT Datasheet
1Mb / 4P
   30 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB3020CT YEASHIN-SB3020CT Datasheet
1Mb / 4P
   30 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120S TRSYS-SB120S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620 TRSYS-SB1620 Datasheet
147Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB820 TRSYS-SB820 Datasheet
146Kb / 2P
   8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
1N5820 FAIRCHILD-1N5820 Datasheet
39Kb / 2P
   3.0 Ampere Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com