Part Name
         Description
MBR1635

 16 Ampere Schottky Barrier Rectifiers ( 3 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 1 page
background image
MBR1635 - MBR1660 Rev. A
MBR1635 - MBR1660
16 Ampere Schottky Barrier Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
©1999 Fairchild Semiconductor Corporation
Symbol
Parameter
Value
Units
IO
Average Rectified Current
.375” lead length @ TA = 125
°C
16
A
if(repetitive)
Peak Repetitive Forward Current
(Rated VR , Square Wave, 20 KHz) @ TA = 125
°C
32
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
150
A
PD
Total Device Dissipation
Derate above 25
°C
2.0
16.6
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
60
°C/W
RθJL
Thermal Resistance, Junction to Lead
1.5
°C/W
Tstg
Storage Temperature Range
-65 to +175
°C
TJ
Operating Junction Temperature
-65 to +150
°C
Parameter
Device
Units
1635
1645
1650
1660
Peak Repetitive Reverse Voltage
35
45
50
60
V
Maximum RMS Voltage
24
31
35
42
V
DC Reverse Voltage
(Rated VR)
35
45
50
60
V
Voltage Rate of Change (Rated VR)
10,000
V/uS
Maximum Reverse Current
@ rated VR
TA = 25
°C
TA = 125
°C
0.2
40
1.0
50
mA
mA
Maximum Forward Voltage
IF = 16 A, TC = 25
°C
IF = 16 A, TC = 125
°C
0.63
0.57
0.75
0.65
V
V
Peak Repetitive Reverse Surge
Current
2.0 us Pulse Width, f = 1.0 KHz
1.0
0.5
A
Features
Low power loss, high efficiency.
High surge capacity.
For use in low voltage, high frequency
inverters, free wheeling, and polarity
protection applications.
Metal silicon junction, majority carrier
conduction.
High current capacity, low forward
voltage drop.
Guard ring for over voltage protection.
Dimensions
are in:
inches (mm)
DIA
12
.412(10.5)
MAX
.148(3.74)
.154(3.91)
.103(2.62)
.113(2.87)
.587(14.91)
.594(15.1)
.53(13.46)
.56(14.22)
.14(3.56)
.16(4.06)
.195(4.95)
.205(5.20)
.027(0.68)
.037(0.94)
.175(4.44)
.185(4.70)
.23(5.84)
.27(6.86)
.10(2.54)
.11(2.79)
.014(0.35)
.025(0.64)
.045(1.14)
.055(1.40)
PIN 1 +
CASE
+
PIN 2 -
CASE Positive
TO-220AC
Discrete POWER & Signal
Technologies



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MBR103510 Ampere Schottky Barrier Rectifiers 1 2 3 Fairchild Semiconductor
1N58191.0 Ampere Schottky Barrier Rectifiers 1 2 3 Fairchild Semiconductor
1N58171 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere  1 2 Surge Components
MBR1535CT15 Ampere Schottky Barrier Rectifiers 1 2 3 Fairchild Semiconductor
1N58203 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Ampere   1 2 Surge Components
MBR2535CT30 Ampere Schottky Barrier Rectifiers 1 2 3 Fairchild Semiconductor
1N5817SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20 30 and 40 VOLTS 1 2 3 4 5 MoreMotorola, Inc
MBR3035PTSchottky Rectifiers 1 2 3 Fairchild Semiconductor
MBR7357.5 Ampere Schottky Barrier Rectifiers 1 2 3 Fairchild Semiconductor
1N58171.0 Ampere Schottky Barrier Rectifiers 1 2 Fairchild Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl