Electronic Components Datasheet Search |
|
EK3A Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd |
|
EK3A Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd |
1 / 2 page DATA SHEET SEMICONDUCTOR http://www.yeashin.com 1 REV.02 20120705 EK3A~EK3J SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere FEATURES • For surface mounted applications • High temperature metallurgically bonded-no compression contacts as found in other diode-constructed rectifiers • Glass passivated junction • Built-in strain relief • Easy pick and place • Plastic package has Underwriters Laboratory Flammability Classification 94V-O • Complete device submersible temperature of 260°C for 10 seconds in solder bath High temperatur • e soldering : 260 OC / 10 seconds at terminals Pb free product at available : 99% Sn above meet RoHS • environment substance directive request MECHANICAL DATA • Case: JEDEC DO-214AB molded plastic • Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 • Polarity: Indicated by cathode band • Standard packaging: 12mm tape (EIA-481) • Weight: 0.007 ounce, 0.21 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. EK 3A EK 3E EK 3G EK 3J UNITS Maximum Recurrent Peak Reverse Voltage 50 100 150 200 300 400 600 V Maximum RMS Voltage 35 70 105 140 210 280 420 V Maximum DC Blocking Voltage 50 100 150 200 300 400 600 V Maximum Average Forward Rectified Current, at TL=75℃ 3.0 A Peak Forward Surge Current 8.3ms single half sinewave superimposed on rated load(JEDEC method) 100.0 A Maximum Instantaneous Forward Voltage at 3.0A 0.95 1.25 1.7 0 V Maximum DC Reverse Current TA=25℃ At Rated DC Blocking Voltage TA=100℃ 5.0 200 µA µA Maximum Reverse Recovery Time (Note 1) 35.0 nS Typical Junction capacitance (Note 2) 45.0 pF Typical Thermal Resistance (Note 3) RθJA 16 ℃ /W Operating and Storage Temperature Range TJ -55 to +150 ℃ NOTES: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A 2. Measured at 1 MHz and applied Vr = 4.0 volts. 3. 8.0 mm2 ( .013mm thick ) land areas. .128(3.25) .108(2.75) .012(.305) .006(.152) .008(.203) .002(.051) .050(1.27) .030(0.76) SMC/DO-214AB Unit:inch(mm) .245(6.22) .220(5.59) .280(7.11) .260(6.60) .103(2.62) .079(2.00) .320(8.13) .305(7.75) EK 3B EK 3C EK 3D |
Similar Part No. - EK3A |
|
Similar Description - EK3A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |