Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR78L057 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZR78L057
Description  2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR78L057 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZR78L057 Datasheet HTML 3Page - Diodes Incorporated ZR78L057 Datasheet HTML 4Page - Diodes Incorporated ZR78L057 Datasheet HTML 5Page - Diodes Incorporated ZR78L057 Datasheet HTML 6Page - Diodes Incorporated ZR78L057 Datasheet HTML 7Page - Diodes Incorporated ZR78L057 Datasheet HTML 8Page - Diodes Incorporated ZR78L057 Datasheet HTML 9Page - Diodes Incorporated ZR78L057 Datasheet HTML 10Page - Diodes Incorporated ZR78L057 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
-50
-25
0
25
50
75
100
125
Temperature (° C)
Peak Output Current v Temperature
500
400
300
200
100
0
-50
-25
0
25
50
75
100
125
Temperature (° C)
IO= 100mA
IO= 200mA
2.5
2.0
1.5
1.0
0.5
0
Drop-Out Voltage v Temperature
-50
-25
0
25
50
75
100
125
Temperature (° C)
450
400
350
300
250
Quiescent Current v Temperature
-50
-25
0
25
50
75
100
125
Temperature (° C)
Output Voltage Temperature Coefficient
10.08
10.04
10.00
9.96
9.92
Vin =VO +4V
3.30
3.28
ZR78L033
-50
-25
0
25
50
75
100
125
5.00
4.98
Temperature (° C)
Output Voltage Temperature Coefficient
ZR78L05
3.27
3.29
4.99
5.01
8.00
7.96
-50
-25
0
25
50
75
100
125
Temperature (° C)
Output Voltage Temperature Coefficient
6.00
5.96
ZR78L06
ZR78L08
5.98
5.94
7.98
8.02
ZR78L10
IO =5mA
Vin =VO +4V
IO =5mA
Vin =VO +4V
IO =5mA
Vin =VO +4V
IO =0
Vin = 10V
IO =0
TYPICAL CHARACTERISTICS
ZR78L033
ZR78L05
ZR78L06
ZR78L08
ZR78L10
ZR78L
SERIES


Similar Part No. - ZR78L057

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR78L057 ZETEX-ZR78L057 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L057C ZETEX-ZR78L057C Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L057G ZETEX-ZR78L057G Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L057N8 ZETEX-ZR78L057N8 Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
More results

Similar Description - ZR78L057

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR Datasheet
421Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com