Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJB2BGR015U Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJB2BGR015U
Description  High Power Chip Resistors / Wide Terminal Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJB2BGR015U Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJB2BGR015U Datasheet HTML 1Page - Panasonic Semiconductor ERJB2BGR015U Datasheet HTML 2Page - Panasonic Semiconductor ERJB2BGR015U Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Power Chip Resistors / Wide Terminal Type
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1
2
3
4
5
6
7
8
9
10
11
Thick Film
Chip Resistors
Product Code
Size, Power Rating
Type : inch
A1 : 2512
B1 : 2010
B2 : 1206
B3 : 0805
Resistance Value Region
A
B
C
D
Resistance Value
Packaging Methods
V
ERJB2
ERJB3
ERJA1
Code
Packaging
Type
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
Embossed Carrier Taping
4 mm pitch, 5,000 pcs.
Embossed Carrier Taping
4 mm pitch, 4,000 pcs.
10
R
0.22
R <10
0.01
R < 0.22
0.005
R < 0.01
Resistance Tolerance
F
G
J
± 1 %
± 2 %
± 5 %
Shown by 3 digits or letters. Only when it is impossible,
shown by 4 digits or letters.
Power R.
1.33 W
1 W,
2 W
(
R
10
)
0.75 W,
1 W
(
R
10
)
0.33 W,
0.5 W
(
R
1
)
U
ERJB1
(ex.) 102 : 1.0 k
4R7 : 4.7
R01 : 0.01
= 10 m
R015 : 0.015
= 15 m
Protective coating
Thick film
resistive element
Electrode (Inner) Electrode (Between)
Electrode (Outer)
Alumina substrate
High Power Chip Resistors / Wide Terminal Type
2512, 2010, 1206, 0805
Type:
ERJ A1, B1, B2, B3
Features
● High solder-joint reliability by wide terminal construction
● Excellent heat dissipation characteristics by wide
terminal construction
● RoHS compliant
Explanation of Part Numbers
Recommended Applications
● Automotive electronic circuits including ECUs (Electrical con-
trol unit), anti-lock breaking systems and air-bag systems
● Current sensing for power supply circuits in a variety of
equipment
Construction (Example : ERJA1 type)
■ Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions
Please see Data Files
Aug. 2012
02
16


Similar Part No. - ERJB2BGR015U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJB2BGR01U PANASONIC-ERJB2BGR01U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJB2BGR01U PANASONIC-ERJB2BGR01U Datasheet
100Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJB2BGR01V PANASONIC-ERJB2BGR01V Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJB2BGR01V PANASONIC-ERJB2BGR01V Datasheet
100Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
More results

Similar Description - ERJB2BGR015U

ManufacturerPart #DatasheetDescription
logo
Rohm
LTR50 ROHM-LTR50 Datasheet
96Kb / 5P
   High Power Chip Resistors
logo
Panasonic Semiconductor
ERJ-B1CFR10U PANASONIC-ERJ-B1CFR10U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJ-B1BJ2R0U PANASONIC-ERJ-B1BJ2R0U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
logo
Rohm
LTR18 ROHM-LTR18 Datasheet
96Kb / 5P
   High Power Chip Resistors
logo
Panasonic Semiconductor
ERJ-B1CJR10U PANASONIC-ERJ-B1CJR10U Datasheet
100Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
logo
Rohm
LTR10 ROHM-LTR10 Datasheet
71Kb / 5P
   High Power Chip Resistors
logo
KOA Speer Electronics, ...
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
   high power, wide terminal type flat chip resistors
WK73 KOA-WK73 Datasheet
383Kb / 2P
   high power, wide terminal type flat chip resistors
logo
Rohm
LTR10 ROHM-LTR10_1 Datasheet
157Kb / 4P
   High Power Low Ohmic Chip Resistors
logo
KOA Speer Electronics, ...
WK73S2BT KOA-WK73S2BT Datasheet
83Kb / 2P
   wide terminal type flat chip resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com