Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0805FR-109R76 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # RC0805FR-109R76
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0805FR-109R76 Datasheet(HTML) 3 Page - YAGEO Corporation

  RC0805FR-109R76 Datasheet HTML 1Page - YAGEO Corporation RC0805FR-109R76 Datasheet HTML 2Page - YAGEO Corporation RC0805FR-109R76 Datasheet HTML 3Page - YAGEO Corporation RC0805FR-109R76 Datasheet HTML 4Page - YAGEO Corporation RC0805FR-109R76 Datasheet HTML 5Page - YAGEO Corporation RC0805FR-109R76 Datasheet HTML 6Page - YAGEO Corporation RC0805FR-109R76 Datasheet HTML 7Page - YAGEO Corporation RC0805FR-109R76 Datasheet HTML 8Page - YAGEO Corporation RC0805FR-109R76 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jun 16, 2009 V.4
Product specification
3
9
SERIES
RC
0805 (RoHS Compliant)
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D oorrddeerriinngg ccooddeess
Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp
brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
(1) The resistors have a 12-digit ordering code starting with 2322 / 2350.
(2) The subsequent 4 or 5 digits indicate the resistor tolerance and
packaging.
(3) The remaining 4 or 3 digits represent the resistance value with the
last digit indicating the multiplier as shown in the table of
“Last digit of 12NC”.
(4) Letter L is system default code for order only (Note)
ORDERING EXAMPLE
The ordering code of a RC12 resistor, value 56 X with ±1% tolerance,
supplied in tape of 5,000 units per reel is: 232273465609L or
RC0805FR-0756RL.
Resistance decade (3)
Last digit
0.01 to 0.0976 X
0
0.1 to 0.976 X
7
1 to 9.76 X
8
10 to 97.6 X
9
100 to 976 X
1
1 to 9.76 KX
2
10 to 97.6 KX
3
100 to 976 KX
4
1 to 9.76 MX
5
10 to 97.6 MX
6
Example:
0.02 X =
0200 or 200
0.3 X
=
3007 or 307
1 X
=
1008 or 108
33 KX
=
3303 or 333
10 MX =
1006 or 106
Last digit of 12NC
NOTE
1. All our RSMD products meet RoHS compliant and Halogen Free. "LFP" of the internal 2D reel label mentions "Lead Free Process"
2. On customized label, "LFP" or specific symbol can be printed
12NC CODE
2322 / 2350
XXX XXXXX L
(1)
(2)
(3)
(4)
PAPER / PE TAPE ON REEL (units) (2)
TYPE/
0805
START
IN (1)
TOL.
(%)
RESISTANCE
RANGE
5,000
10,000/not preferred
20,000
RC11
2322
±5% 1 to 10 MΩ
730 61xxx
730 71xxx
730 81xxx
RC12
2322
±1% 1 to 10 MΩ
734 6xxxx
734 7xxxx
734 8xxxx
HRC11 2350
±5% 11 to 22 MΩ
521 10xxx
-
-
Jumper 2322
-
0 Ω
730 91002
730 91003
730 92002


Similar Part No. - RC0805FR-109R76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805FR-1015KL YAGEO-RC0805FR-1015KL Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-101K2L YAGEO-RC0805FR-101K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-101K5L YAGEO-RC0805FR-101K5L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-102K2L YAGEO-RC0805FR-102K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-102M7L YAGEO-RC0805FR-102M7L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0805FR-109R76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com