Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0603JR-109R76 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # RC0603JR-109R76
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0603JR-109R76 Datasheet(HTML) 4 Page - YAGEO Corporation

  RC0603JR-109R76 Datasheet HTML 1Page - YAGEO Corporation RC0603JR-109R76 Datasheet HTML 2Page - YAGEO Corporation RC0603JR-109R76 Datasheet HTML 3Page - YAGEO Corporation RC0603JR-109R76 Datasheet HTML 4Page - YAGEO Corporation RC0603JR-109R76 Datasheet HTML 5Page - YAGEO Corporation RC0603JR-109R76 Datasheet HTML 6Page - YAGEO Corporation RC0603JR-109R76 Datasheet HTML 7Page - YAGEO Corporation RC0603JR-109R76 Datasheet HTML 8Page - YAGEO Corporation RC0603JR-109R76 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Apr 24, 2009 V.4
Product specification
4
9
SERIES
RC
0603 (RoHS Compliant)
CONSTRUCTION
The resistor is constructed on top
of a high-grade ceramic body.
Internal metal electrodes are added
on each end to make the contacts to
the thick film resistive element. The
composition of the resistive element
is a noble metal imbedded into a
glass and covered by a second glass
to prevent environment influences.
The resistor is laser trimmed to the
rated resistance value. The resistor
is covered with a protective epoxy
coat, finally the two external
terminations (matte tin on Ni-
barrier) are added. See fig.4
DIMENSIONS
TYPE
RC0603
L (mm)
1.60 ±0.10
W (mm)
0.80 ±0.10
H (mm)
0.45 ±0.10
I1 (mm)
0.25 ±0.15
I2 (mm)
0.25 ±0.15
Table 1
overcoat
Primary glass layer
resistive layer
(Jumper chip is a conductor)
inner electrode
termination(Ni/matte tin)
ceramic substrate
H
I2
YNSC065
marking layer
overcoat
W
L
I1
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
Fig. 4 Chip resistor outlines
MARKING
RC0603
E-24 series: 3 digits
First two digits for significant figure and 3rd digit
for number of zeros
E-96 series: 3 digits for 0603 ±1% EIA-96 marking
method
For 0603 ±1% E-24 series, one short bar under
marking letter
For further marking information, please see special data sheet “Chip resistors marking”.
Fig. 1 Value = 10 KΩ
YNSC001
03
Fig. 2 Value = 12.4 KΩ
Fig. 3 E-24 1% Value = 56 KΩ
ynsc003
563


Similar Part No. - RC0603JR-109R76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0603JR-1018RL YAGEO-RC0603JR-1018RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603JR-1022ML YAGEO-RC0603JR-1022ML Datasheet
229Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0603JR-102K2L YAGEO-RC0603JR-102K2L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603JR-10470KL YAGEO-RC0603JR-10470KL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603JR-1047RL YAGEO-RC0603JR-1047RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0603JR-109R76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com