Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1559NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA1559NL
Description  HIGH FREQUENCY WIRE WOUND TRANSFORMERS EFD20 Platforms - SMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1559NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA1559NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1559NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1559NL Datasheet HTML 3Page - Pulse A Technitrol Company PA1559NL Datasheet HTML 4Page - Pulse A Technitrol Company PA1559NL Datasheet HTML 5Page - Pulse A Technitrol Company PA1559NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
1
PRELIMINARY P666.A (3/08)
HIGH FREQUENCY WIRE WOUND
TRANSFORMERS
EFD20 Platforms - SMT
Power Range: Up to 95W
Height: 11.4mm Max
Footprint: 29.2mm x 21.8mm Max
Topology: Forward and Flyback
Electrical Specifications @ 25°C — Operating Temperature -40°C to 130°C 5
Pri. Inductance
(1,2-3,4)
307µH ±25%
Lk. Inductance
(1,2-3,4) with (5,6,9,10) shorted
0.35µH MAX
(1,2-3,4)
65m
Ω MAX
PA0273NL
DCR
(7,8,9-10,11,12)
27m
Ω MAX
(5-6)
240m
Ω MAX
Hi-Pot
Pri-Sec
1500Vdc
K1 Factor
20.2
Pri. Inductance
(1,2-3,4)
110µH ±10%
Lk. Inductance
(1,2-3,4) with (12,11,10,9,8,7) shorted
2µH MAX
(4-5)
85m
Ω MAX
PA0751NL
DCR
(12,11,10-9,8,7)
12m
Ω MAX
(1-3)
300m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
1364.8
Pri. Inductance
(3,4-5,6)
114µH ±10%
Lk. Inductance
(3,4-5,6) with (12,11,10,9,8,7) shorted
0.5µH MAX
(3,4-5,6)
20m
Ω MAX
PA0763NL
DCR
(12,11-10-,9)
12m
Ω MAX
(7-8)
32m
Ω MAX
(1-2)
150m
Ω MAX
Hi-Pot
Pri-Sec
700Vrms
K1 Factor
32.3
Pri. Inductance
(1,2-3,4)
89.2µH ±18%
Lk. Inductance
(1,2-3,4) with (12,11,10,9,8,7) shorted
1.5µH MAX
(1,2-3,4)
50m
Ω MAX
PA0769NL
DCR
(12-11)
3.8m
Ω MAX
(10-9)=(8-7)
35m
Ω MAX
(5-6)
110m
Ω MAX
Hi-Pot
Pri-Sec
1500Vdc
K1 Factor
21.5
Pri. Inductance
(3-4)
137µH ±32%
Lk. Inductance
(3-4) with (11,10,9,8) shorted
1.0µH MAX
(3-4)
35m
Ω MAX
PA1066NL
DCR
(1-2)
199m
Ω MAX
(5-6)
100m
Ω MAX
(11-10)=(9-8)
17m
Ω MAX
Hi-Pot
Pri-Sec
500Vrms
K1 Factor
29.3
Pri. Inductance
(1-3)
55µH ±12%
Lk. Inductance
(1-3) with (4,5,11,10,9,8) shorted
2µH MAX
(1-3)
55m
Ω MAX
PA1103NL
DCR
(11,10-9,8)
6m
Ω MAX
(4-5)
110m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
1108.9
FORWARD TRANSFORMER
FLYBACK TRANSFORMER
FORWARD TRANSFORMER
FORWARD TRANSFORMER
FORWARD TRANSFORMER
FLYBACK TRANSFORMER


Similar Part No. - PA1559NL

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
PA155 OKAYA-PA155 Datasheet
82Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PA155-L OKAYA-PA155-L Datasheet
383Kb / 1P
   NOISE SUPPRESSION CAPACITOR
logo
List of Unclassifed Man...
PA1555 ETC2-PA1555 Datasheet
1Mb / 16P
   It?셲 a complete tool kit that fits in your palm.
More results

Similar Description - PA1559NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com