Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0401NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0401NL
Description  SMT POWER INDUCTORS Toroid - Tomcat Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0401NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0401NL Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
73
SPM2007 (11/07)
.590 MAX
14,99
.300 MAX
7,62
.600
15,24
.005/0,13
4 SURFACES
.365
9,27
1
2
3
4
P0XXX
Date Code
Country of Origin
4X .060
1,52
4X .175
4,45
Suggested Pad Layout
.370
9,40
.610
15,49
R
.715 MAX
18,16
.005 MIN
0,13
4
1
2
3
1:1 ±1%
Mechanical
Schematic
Inductance
Storage
Inductance
100 Gauss
1 Amp DC
Part
8,9
@ Irated
Irated
DCR (TYP)
ET
Capacity
@ 0ADC
ET100
H1
Connection
Number
(µH)
(A)
(m
Ω)
(V-µsec)
(µJoules)
(µH ±20%)
(V-µsec)
(Orsted)
P0395NL
1.5
14.40
4.41
4.80
159.01
2.2
1.71
3.77
Parallel
P0396NL
2.4
11.20
6.54
6.00
152.83
3.5
2.14
4.71
Parallel
P0397NL
4.2
8.20
10.47
7.85
142.57
5.9
2.78
6.12
Parallel
P0398NL
5.8
6.80
14.94
9.05
133.80
7.9
3.21
7.06
Parallel
P0395NL
6.1
7.20
17.60
9.60
159.01
9.0
3.42
7.53
Series
P0399NL
7.6
5.70
20.99
10.25
124.18
10.1
3.64
8.00
Parallel
P0396NL
9.7
5.60
26.20
12.00
152.83
14.0
4.28
9.42
Series
P0400NL
12.1
5.40
23.24
13.85
176.62
18.5
4.92
10.83
Parallel
P0397NL
17.0
4.10
41.90
15.70
142.57
23.7
5.56
12.24
Series
P0401NL
18.0
4.40
38.15
16.50
174.26
27.4
5.99
13.18
Parallel
P0398NL
23.1
3.40
59.70
18.10
133.80
31.5
6.42
14.12
Series
P0402NL
27.0
3.54
53.21
20.50
169.14
40.5
7.27
16.01
Parallel
P0399NL
30.6
2.85
84.00
20.50
124.18
40.5
7.27
16.01
Series
P0403NL
34.8
3.00
73.89
22.50
156.47
50.5
8.13
17.89
Parallel
P0400NL
48.5
2.70
93.00
27.70
176.62
74.1
9.84
21.66
Series
P0401NL
72.0
2.20
152.60
33.00
174.26
109.8
11.98
26.36
Series
P0403NL
139.1
1.50
295.60
45.00
156.47
202.2
16.26
35.78
Series
P0402NL
108.0
1.77
212.80
41.00
169.14
161.8
14.55
32.01
Series
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C 10
NOTES:
1. The reference inductance is a typical value at the AC and DC excitation listed.
2. Temperature rise is 55°C in typical buck or boost circuits at 100kHz and with the
reference ET applied to the inductor.
3. Total loss in the inductor is 634mW for a 55°C temperature rise above ambient.
4. To estimate temperature rise in a given application, determine copper and core
losses, divide by 634 and multiply by 50.
5. For the copper loss (mW), calculate IDC 2X RN.
6. For core loss (mW), using frequency (f in Hertz) and operating flux density (B in
Gauss), calculate 2.24 x 10-10 x B2.11 x f1.26.
7. For flux density (B in Gauss), calculate ET (V-µsec) for the application, divide by
ET100 from the table, and multiply by 100.
8. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to
the part number (i.e. P0395NL becomes P0395NLT). Pulse complies to indus-
try standard tape and reel specification EIA481.
9. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed
parts are not necessarily RoHS compliant, but are electrically and mechanically
equivalent to NL versions. If a part number does not have the "NL" suffix, but
an RoHS compliant version is required, please contact Pulse for availability.
10. The temperature of the component (ambient plus temperature rise) must be within
the stated operating temperature range.
Weight . . . . . . . . 4.2 grams
Tape & Reel . . . . . . 300/reel
Tube . . . . . . . . . . . . 35/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
SMT POWER INDUCTORS
Toroid - Tomcat Series
Height: 7.6mm Max
Footprint: 18.2mm x 15.0mm Max
Current Rating: up to 14.4A
Inductance Range: 1.5µH to 139µH


Similar Part No. - P0401NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0401NL PULSE-P0401NL Datasheet
128Kb / 1P
   SMT POWER INDUCTORS, Height: 7.6mm Max, Footprint: 18.2mm x 15.0mm Max, Current Rating: up to 14.4A
P0401NL PULSE-P0401NL Datasheet
133Kb / 2P
   SMT POWER INDUCTORS Toroid - Tomcat Series
P0401NL PULSE-P0401NL Datasheet
128Kb / 1P
   SMT POWER INDUCTORS
P0401NL PULSE-P0401NL Datasheet
128Kb / 1P
   SMT POWER INDUCTORS
P0401NL PULSE-P0401NL Datasheet
128Kb / 1P
   SMT POWER INDUCTORS
More results

Similar Description - P0401NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0400 PULSE-P0400 Datasheet
133Kb / 2P
   SMT POWER INDUCTORS Toroid - Tomcat Series
SPM2007 PULSE-SPM2007_42 Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
SPM2007 PULSE-SPM2007_44 Datasheet
181Kb / 2P
   SMT POWER INDUCTORS Toroid - SLIC Series
P0179 PULSE-P0179 Datasheet
124Kb / 2P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0149 PULSE-P0149 Datasheet
163Kb / 1P
   SMT POWER INDUCTORS Toroid - Bobcat Series
P0179NLT PULSE-P0179NLT Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0175 PULSE-P0175 Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0147NL PULSE-P0147NL Datasheet
163Kb / 1P
   SMT POWER INDUCTORS Toroid - Bobcat Series
PA0040NL PULSE-PA0040NL Datasheet
73Kb / 1P
   SMT POWER INDUCTORS Shielded Toroid
P0596 PULSE-P0596 Datasheet
121Kb / 2P
   SMT POWER INDUCTORS Toroid - HCCI-80 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com