Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR16FM-14LJA8BB0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR16FM-14LJA8BB0
Description  700V - 16A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16FM-14LJA8BB0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR16FM-14LJA8BB0 Datasheet HTML 1Page - Renesas Technology Corp BCR16FM-14LJA8BB0 Datasheet HTML 2Page - Renesas Technology Corp BCR16FM-14LJA8BB0 Datasheet HTML 3Page - Renesas Technology Corp BCR16FM-14LJA8BB0 Datasheet HTML 4Page - Renesas Technology Corp BCR16FM-14LJA8BB0 Datasheet HTML 5Page - Renesas Technology Corp BCR16FM-14LJA8BB0 Datasheet HTML 6Page - Renesas Technology Corp BCR16FM-14LJA8BB0 Datasheet HTML 7Page - Renesas Technology Corp BCR16FM-14LJA8BB0 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BCR16FM-14LJ
Preliminary
R07DS0959EJ0200 Rev.2.00
Page 4 of 7
Mar 01, 2013
08
412
16
20
08
412
16
20
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
02.0
1.0
0.5
3.0
1.5
3.0 3.5
2.5
0
20
40
80
60
100
120
140
160
–40
0
40
80
120
160
Typical Example
0
20
40
80
60
100
120
140
160
Curves apply regardless
of conduction angle
360° Conduction
Resistive,
inductive loads
0
20
40
80
60
100
120
140
160
0
5
10
20
15
25
30
35
40
106
105
104
103
102
103
102
101
101
102
103
104
105
100
10−1
08
412
16
20
360° Conduction
Resistive,
inductive loads
Maximum Transient Thermal Impedance
Characteristics (Junction to ambient)
Conduction Time (Cycles at 60Hz)
No Fins
Natural convection
No Fins
Curves apply regardless
of conduction angle
Resistive, inductive loads
60 60 t2.3
120 120 t2.3
100 100 t2.3
All fins are black painted
aluminum and greased
Curves apply
regardless of
conduction angle
Resistive,
inductive loads
Natural convection


Similar Part No. - BCR16FM-14LJA8BB0

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR16FM-14LJ ISC-BCR16FM-14LJ Datasheet
220Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR16FM-14LJ RENESAS-BCR16FM-14LJ_15 Datasheet
112Kb / 8P
   700V - 16A - Triac Medium Power Use
More results

Similar Description - BCR16FM-14LJA8BB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16FM-14LJ RENESAS-BCR16FM-14LJ_15 Datasheet
112Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16PM-14LJ RENESAS-BCR16PM-14LJ Datasheet
117Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16FM-14LB RENESAS-BCR16FM-14LB_15 Datasheet
171Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16FM-14RA RENESAS-BCR16FM-14RA Datasheet
471Kb / 7P
   700V - 16A - Triac Medium Power Use
Oct. 10, 2019
BCR16FM-14LB RENESAS-BCR16FM-14LB Datasheet
524Kb / 9P
   700V - 16A - Triac Medium Power Use
Jan. 15, 2019
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR10FM-14LJ RENESAS-BCR10FM-14LJ Datasheet
105Kb / 8P
   700V - 10A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com