Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR12PM-14LJ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR12PM-14LJ
Description  700V - 12A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR12PM-14LJ Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR12PM-14LJ Datasheet HTML 1Page - Renesas Technology Corp BCR12PM-14LJ Datasheet HTML 2Page - Renesas Technology Corp BCR12PM-14LJ Datasheet HTML 3Page - Renesas Technology Corp BCR12PM-14LJ Datasheet HTML 4Page - Renesas Technology Corp BCR12PM-14LJ Datasheet HTML 5Page - Renesas Technology Corp BCR12PM-14LJ Datasheet HTML 6Page - Renesas Technology Corp BCR12PM-14LJ Datasheet HTML 7Page - Renesas Technology Corp BCR12PM-14LJ Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BCR12PM-14LJ
Preliminary
R07DS0910EJ0100 Rev.1.00
Page 3 of 7
Nov 14, 2012
Performance Curves
102
103
104
10−1
100
101
102
0
2
3
5
4
1
102
103
101
–40
0
40
80
120
160
Typical Example
102
103
101
–40
0
40
80
120
160
Typical Example
101
10−1
100
101
102
103
104
100
101
102
0
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
Gate Characteristics (I, II and III)
Gate Current (mA)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Maximum Transient Thermal Impedance
Characteristics (Junction to case)
Conduction Time (Cycles at 60Hz)
4
0123
102
101
100
Tj = 25°C
Tj = 150°C
160
80
120
40
200
VGM = 10V
IGM = 2A
PGM = 5W
VGT = 1.5V
IFGT I, IRGT III
IRGT I
VGD = 0.1V
PG(AV) =
0.5W
IRGT I, IRGT III
IFGT I


Similar Part No. - BCR12PM-14LJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
More results

Similar Description - BCR12PM-14LJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14LJ RENESAS-BCR12FM-14LJ Datasheet
105Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12LM-14LJ RENESAS-BCR12LM-14LJ_15 Datasheet
110Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14LB RENESAS-BCR12FM-14LB Datasheet
133Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14LB RENESAS-BCR12FM-14LB_15 Datasheet
125Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14LJ RENESAS-BCR12FM-14LJ_15 Datasheet
105Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14RA RENESAS-BCR12FM-14RA Datasheet
468Kb / 7P
   700V - 12A - Triac Medium Power Use
Oct. 10, 2019
BCR12LM-14LJ RENESAS-BCR12LM-14LJ Datasheet
110Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR12FM-14LC RENESAS-BCR12FM-14LC Datasheet
514Kb / 9P
   700V - 12A - Triac Medium Power Use
Feb. 19, 2019
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
   700V - 16A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com