Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR12PM-12LD Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR12PM-12LD
Description  600V - 12A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR12PM-12LD Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR12PM-12LD Datasheet HTML 1Page - Renesas Technology Corp BCR12PM-12LD Datasheet HTML 2Page - Renesas Technology Corp BCR12PM-12LD Datasheet HTML 3Page - Renesas Technology Corp BCR12PM-12LD Datasheet HTML 4Page - Renesas Technology Corp BCR12PM-12LD Datasheet HTML 5Page - Renesas Technology Corp BCR12PM-12LD Datasheet HTML 6Page - Renesas Technology Corp BCR12PM-12LD Datasheet HTML 7Page - Renesas Technology Corp BCR12PM-12LD Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS0973EJ0100 Rev.1.00
Page 1 of 7
Dec 20, 2012
Preliminary Datasheet
BCR12PM-12LD
600V - 12A - Triac
Medium Power Use
Features
 I
T (RMS): 12 A
 V
DRM: 600 V
 I
FGTI, IRGTI, IRGT
: 50 mA
 V
iso: 2000 V
 Tj: 150 °C
 Insulated Type
 Planar Passivation Type
 UL Recognized: File No. E223904
Outline
RENESAS Package code: PRSS0003AA-A
(Package name: TO-220F )
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
2
1
3
2
1
3
Applications
Heater control, motor control
Maximum Ratings
Voltage class
Parameter
Symbol
12
Unit
Repetitive peak off-state voltage
Note1
VDRM
600
V
Non-repetitive peak off-state voltage
Note1
VDSM
700
V
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
12
A
Commercial frequency, sine full wave
360
 conduction, Tc = 77C
Surge on-state current
ITSM
72
A
60 Hz sinewave 1 full cycle,
peak value, non-repetitive
I
2t for fusion
I
2t
21.6
A
2s
Value corresponding to 1 cycle of half
wave 60 Hz, surge on-state current
Peak gate power dissipation
PGM
5
W
Average gate power dissipation
PG (AV)
0.5
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
2
A
Junction Temperature
Tj
–40 to +150
C
Storage temperature
Tstg
–40 to +150
C
Mass
2.0
g
Typical value
Isolation voltage
Note5
Viso
2000
V
Ta = 25
C, AC 1 minute,
T1 T2 G terminal to case
R07DS0973EJ0100
Rev.1.00
Dec 20, 2012


Similar Part No. - BCR12PM-12LD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12PM-12LD RENESAS-BCR12PM-12LD_15 Datasheet
106Kb / 8P
   600V - 12A - Triac Medium Power Use
More results

Similar Description - BCR12PM-12LD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12LM-12LD RENESAS-BCR12LM-12LD Datasheet
105Kb / 8P
   600V - 12A - Triac Medium Power Use
BCR16CM-12LC RENESAS-BCR16CM-12LC Datasheet
488Kb / 9P
   600V - 12A - Triac Medium Power Use
Feb. 1, 2019
BCR12PM-12LC RENESAS-BCR12PM-12LC_15 Datasheet
198Kb / 8P
   600V ??12A - Triac Medium Power Use
BCR12LM-12LD RENESAS-BCR12LM-12LD_15 Datasheet
105Kb / 8P
   600V - 12A - Triac Medium Power Use
BCR12FM-12LB RENESAS-BCR12FM-12LB Datasheet
176Kb / 8P
   600v - 12A - Triac Medium Power Use
BCR12FM-12LB RENESAS-BCR12FM-12LB_15 Datasheet
176Kb / 8P
   600v - 12A - Triac Medium Power Use
BCR12CM-12LB RENESAS-BCR12CM-12LB_15 Datasheet
151Kb / 9P
   600V - 12A - Triac Medium Power Use
BCR12FM-12LC RENESAS-BCR12FM-12LC Datasheet
508Kb / 9P
   600V - 12A - Triac Medium Power Use
Feb. 19, 2019
BCR12PM-12LD RENESAS-BCR12PM-12LD_15 Datasheet
106Kb / 8P
   600V - 12A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com