Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAN5960 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # MAN5960
Description  0.510-INCH (13MM) SEVEN SEGMENT DISPLAYS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MAN5960 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button MAN5960 Datasheet HTML 2Page - Fairchild Semiconductor MAN5960 Datasheet HTML 3Page - Fairchild Semiconductor MAN5960 Datasheet HTML 4Page - Fairchild Semiconductor MAN5960 Datasheet HTML 5Page - Fairchild Semiconductor MAN5960 Datasheet HTML 6Page - Fairchild Semiconductor MAN5960 Datasheet HTML 7Page - Fairchild Semiconductor MAN5960 Datasheet HTML 8Page - Fairchild Semiconductor MAN5960 Datasheet HTML 9Page - Fairchild Semiconductor MAN5960 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7/21/03
Page 8 of 10
© 2003 Fairchild Semiconductor Corporation
0.510-INCH (13MM)
SEVEN SEGMENT DISPLAYS
YELLOW MAN5350/5360
RED
MAN5750/5760
GREEN
MAN5450/5460
HER
MAN5950/5960
TYPICAL CHARACTERISTIC CURVES — MAN5750/MAN5760
50
60
70
80
90
100
40
30
20
10
0
1.0
2.0
3.0
4.0
2
1
0
05
10
15
20
25
30
5
DC Forward Current – IF (mA)
Fig. 3A. Relative Luminous Intensity
vs. DC Forward Current
VF (Volts)
Fig. 3B. Forward Current vs. Forward Voltage
Percent Duty Cycle
Fig. 3E. Relative Luminous Intensity vs. Duty Cycle
10
15
020
10
20
40
DC
170
130
120
110
100
90
80
70
60
140
150
160
50
Ambient Temperature –
°C
Fig. 3C. Relative Luminous Intensity vs. Temperature
(See Note 2)
-50
-25
0
25
50
70
1000
20
200
100
80
50
500
800
10
Duty Cycle – %
Fig. 3D. Max Peak Current vs. Duty Cycle
12
3
5 8 10
20 3050 80 100
FREQUENCY = 200pps
NORMALIZED at IF = 10 mA


Similar Part No. - MAN5960

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MAN5960 QT-MAN5960 Datasheet
574Kb / 7P
   0.510 INCH (13MM) SEVEN SEGMENT DISPLAYS
More results

Similar Description - MAN5960

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MAN5350 QT-MAN5350 Datasheet
574Kb / 7P
   0.510 INCH (13MM) SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
logo
Fairchild Semiconductor
MAN6700 FAIRCHILD-MAN6700 Datasheet
505Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
MAN8900 FAIRCHILD-MAN8900 Datasheet
493Kb / 5P
   0.800-INCH SEVEN SEGMENT DISPLAYS
MAN6400 FAIRCHILD-MAN6400 Datasheet
452Kb / 6P
   0.560-INCH SEVEN SEGMENT DISPLAYS
MAN6600 FAIRCHILD-MAN6600 Datasheet
551Kb / 6P
   0.560-INCH SEVEN SEGMENT DISPLAYS
MAN8400 FAIRCHILD-MAN8400 Datasheet
478Kb / 5P
   0.800-INCH SEVEN SEGMENT DISPLAYS
logo
QT Optoelectronics
MAN3900A QT-MAN3900A Datasheet
404Kb / 4P
   0.300-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com