Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR12LM-16LB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BCR12LM-16LB
Description  Triac Midium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR12LM-16LB Datasheet(HTML) 6 Page - Renesas Technology Corp

  BCR12LM-16LB Datasheet HTML 1Page - Renesas Technology Corp BCR12LM-16LB Datasheet HTML 2Page - Renesas Technology Corp BCR12LM-16LB Datasheet HTML 3Page - Renesas Technology Corp BCR12LM-16LB Datasheet HTML 4Page - Renesas Technology Corp BCR12LM-16LB Datasheet HTML 5Page - Renesas Technology Corp BCR12LM-16LB Datasheet HTML 6Page - Renesas Technology Corp BCR12LM-16LB Datasheet HTML 7Page - Renesas Technology Corp BCR12LM-16LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BCR12LM-16LB
Preliminary
R07DS0672EJ0100 Rev.1.00
Page 6 of 7
Jul 23, 2012
C1 = 0.1 to 0.47μF
R1 = 47 to 100Ω
C0 = 0.1μF
R0 = 100Ω
Gate Trigger Characteristics Test Circuits
Recommended Circuit Values Around The Triac
Test Procedure I
Test Procedure III
Test Procedure II
330
Ω
330
Ω
330
Ω
C1
C0
R0
R1
6
Ω
6
Ω
6V
6V
A
V
A
V
6
Ω
6V
A
V
Load
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
0
20
40
80
60
100
120
140
160
–40
0
40
80
120
160
Typical Example
Gate Current Pulse Width (
μs)
Gate Trigger Current vs.
Gate Current Pulse Width
Typical Example
IRGT III
IRGT I
IFGT I
100
101
103
102
101
102


Similar Part No. - BCR12LM-16LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12LM-16LB RENESAS-BCR12LM-16LB_15 Datasheet
133Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR12LM-16LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR8PM-14LA RENESAS-BCR8PM-14LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR10PM-12LD RENESAS-BCR10PM-12LD_15 Datasheet
103Kb / 8P
   Triac Medium Power Use
BCR12PM-14LA RENESAS-BCR12PM-14LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
   Triac Low Power Use
BCR5PM-14LA RENESAS-BCR5PM-14LA_15 Datasheet
107Kb / 8P
   Triac Medium Power Use
BCR8LM-14LD RENESAS-BCR8LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-16LG RENESAS-BCR8PM-16LG_15 Datasheet
107Kb / 8P
   Triac Medium Power Use
BCR12PM-12LG RENESAS-BCR12PM-12LG_15 Datasheet
109Kb / 8P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_15 Datasheet
108Kb / 8P
   Triac Medium Power Use
BCR3LM-14LB RENESAS-BCR3LM-14LB_15 Datasheet
107Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com