Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3906-AU_SU_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMBT3906-AU_SU_00001
Description  PNP GENERAL PURPOSE SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBT3906-AU_SU_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMBT3906-AU_SU_00001 Datasheet HTML 1Page - Pan Jit International Inc. MMBT3906-AU_SU_00001 Datasheet HTML 2Page - Pan Jit International Inc. MMBT3906-AU_SU_00001 Datasheet HTML 3Page - Pan Jit International Inc. MMBT3906-AU_SU_00001 Datasheet HTML 4Page - Pan Jit International Inc. MMBT3906-AU_SU_00001 Datasheet HTML 5Page - Pan Jit International Inc. MMBT3906-AU_SU_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
REV.0.0-JUL.9.2008
ELECTRICALCHARACTERISTICS
Note 2: Pulse Test: Pulse Width < 300 us, Duty Cycle < 2.0%.
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Sn
o
it
i
d
n
o
C
t
s
e
T.
N
I
M.
P
Y
T.
X
A
Ms
ti
n
U
n
w
o
d
k
a
e
r
B
r
e
tt
i
m
E
-
r
o
t
c
e
ll
o
C
e
g
a
tl
o
V
V (BR)
O
E
CIC
I
,
A
m
0
.
1
-
=B 0
=0
4
--
-
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
o
t
c
e
ll
o
C
e
g
a
tl
o
V
V (BR)
O
B
CIC
I
,
A
u
0
1
-
=E 0
=0
4
--
-
V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
e
tt
i
m
EV (BR)
O
B
EIE
I
,
A
u
0
1
-
=C 0
=0
.
5
--
-
V
t
n
e
r
r
u
C
ff
o
t
u
C
e
s
a
BIBL
VE
CV
,
V
0
3
-
=B
EV
0
.
3
-
=-
-
0
5
-A
n
t
n
e
r
r
u
C
ff
o
t
u
C
r
o
t
c
e
ll
o
CICEX
VE
CV
,
V
0
3
-
=B
EV
0
.
3
-
=-
-
0
5
-A
n
)
2
e
t
o
N
(
n
i
a
G
t
n
e
r
r
u
C
C
Dh
E
F
IC
V
,
A
m
1
.
0
-
=E
CV
0
.
1
-
=
IC
V
,
A
m
0
.
1
-
=E
CV
0
.
1
-
=
IC
V
,
A
m
0
1
-
=E
CV
0
.
1
-
=
IC
V
,
A
m
0
5
-
=E
CV
0
.
1
-
=
IC
V
,
A
m
0
0
1
-
=E
CV
0
.
1
-
=
0
6
0
8
0
0
1
0
6
0
3
-
-
-
-
-
-
-
0
0
3
-
-
-
n
o
it
a
r
u
t
a
S
r
e
tt
i
m
E
-
r
o
t
c
e
ll
o
C
)
2
e
t
o
N
(
e
g
a
tl
o
V
V CE(SAT)
IC
I
,
A
m
0
1
-
=B
A
m
0
.
1
-
=
IC
I
,
A
m
0
5
-
=B
A
m
0
.
5
-
=
--
5
2
.
0
-
4
.
0
-
V
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
r
e
tt
i
m
E
-
e
s
a
B
)
2
e
t
o
N
(
V BE(SAT)
IC
I
,
A
m
0
1
-
=B
A
m
0
.
1
-
=
IC
I
,
A
m
0
5
-
=B
A
m
0
.
5
-
=
5
6
.
0
-
-
-
-
5
8
.
0
-
5
9
.
0
-
V
e
c
n
a
ti
c
a
p
a
C
e
s
a
B
-
r
o
t
c
e
ll
o
CC CBO
VB
CI
,
V
5
-
=E
z
H
M
1
=
f
,
0
=-
-
5
.
4F
p
e
c
n
a
ti
c
a
p
a
C
e
s
a
B
-
r
e
tt
i
m
EC EBO
VB
EI
,
V
5
.
0
-
=C
z
H
M
1
=
f
,
0
=-
-
0
1F
p
e
m
i
T
y
a
l
e
Dd
t
V CC
V
,
V
3
-
=
BE
,
V
5
.
0
-
=
IC
I,
A
m
0
1
-
=
B
A
m
0
.
1
-
=
--
5
3s
n
e
m
i
T
e
s
i
Rr
t
V CC
V
,
V
3
-
=
BE
,
V
5
.
0
-
=
IC
I,
A
m
0
1
-
=
B
A
m
0
.
1
-
=
--
5
3s
n
e
m
i
T
e
g
a
r
o
t
Ss
t
VC
CI,
V
3
-
=C
A
m
0
1
-
=
IB
I
=
1B
A
m
0
.
1
-
=
2
--
5
2
2s
n
e
m
i
T
ll
a
Fft
VC
CI,
V
3
-
=C
A
m
0
1
-
=
IB
I
=
1B
A
m
0
.
1
-
=
2
--
5
7s
n
275 Ω
10K Ω
0
+0.5V
300ns
-10.9V
+3V
Delay and Rise Tim e Equivalent Test Circuit
< 1ns
C* < 4pF
S
Storage and Fall Tim e Equivalent Test Circuit
0
+9.1V
10 to 500us
Duty Cycle ~ 2.0%
-10.9V
< 1ns
0
1N916
+3V
275 Ω
10K Ω
C* < 4pF
S
SWITCHING TIME EQUIVALENT TEST CIRCUITS
MMBT3906-AU


Similar Part No. - MMBT3906-AU_SU_00001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT3906-AE3-R UTC-MMBT3906-AE3-R Datasheet
50Kb / 3P
   GENERAL PURPOSE APPLIATION
MMBT3906-AE3-R UTC-MMBT3906-AE3-R Datasheet
140Kb / 3P
   GENERAL PURPOSE APPLIATION
MMBT3906-AL3-R UTC-MMBT3906-AL3-R Datasheet
50Kb / 3P
   GENERAL PURPOSE APPLIATION
MMBT3906-AL3-R UTC-MMBT3906-AL3-R Datasheet
140Kb / 3P
   GENERAL PURPOSE APPLIATION
More results

Similar Description - MMBT3906-AU_SU_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
2N3906 PANJIT-2N3906 Datasheet
157Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
   PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
logo
Diotech Company.
MMBT3906 DIOTECH-MMBT3906 Datasheet
2Mb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com