Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YC164-JR-070R Datasheet(PDF) 4 Page - YAGEO Corporation

Part # YC164-JR-070R
Description  ARRAY CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

YC164-JR-070R Datasheet(HTML) 4 Page - YAGEO Corporation

  YC164-JR-070R Datasheet HTML 1Page - YAGEO Corporation YC164-JR-070R Datasheet HTML 2Page - YAGEO Corporation YC164-JR-070R Datasheet HTML 3Page - YAGEO Corporation YC164-JR-070R Datasheet HTML 4Page - YAGEO Corporation YC164-JR-070R Datasheet HTML 5Page - YAGEO Corporation YC164-JR-070R Datasheet HTML 6Page - YAGEO Corporation YC164-JR-070R Datasheet HTML 7Page - YAGEO Corporation YC164-JR-070R Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SERIES
YC/TC
164 (RoHS Compliant)
Chip Resistor Surface Mount
www.yageo.com
Oct 27, 2008 V.3
Product specification
4
8
MARKING
YC164
TC164
1-Digit marking
E-24 series: 3 digits
First two digits for significant figure and 3rd digit
for number of zeros
For further marking information, please see special data sheet “Chip resistors marking”
Fig. 3 Value = 240 KΩ
2
YNSC029
Fig. 4 Value = 240 KΩ
YNSC036
2
CONSTRUCTION
The resistor is constructed on top of a high-grade
ceramic body. Internal metal electrodes are added on
each end to make the contacts to the thick film resistive
element. The composition of the resistive element is a
noble metal imbedded into a glass and covered by a
second glass to prevent environment influences. The
resistor is laser trimmed to the rated resistance value.
The resistor is covered with a protective epoxy coat,
finally the two external terminations (matte tin on Ni-
barrier) are added. See fig.5
O
OU
UT
TL
LIIN
NE
ES
S
overcoat
resistive layer
inner electrode
termination
ceramic substrate YNSC069
Fig. 5 Chip resistor outlines
SCHEMATIC
YNSC055
R1
R1 = R2 = R3 = R4
R1 = R2 = R3 = R4
R1
R2
R3
R4
12
87
3
6
4
5
TC164
YC164
R2
R3
R4
12
87
3
6
4
5
Fig. 7 Equivalent circuit diagram
For dimension see Fig. 6 and Table 1
DIMENSIONS
TYPE
YC164
TC164
B (mm)
0.30 ±0.15
0.30 ±0.15
H (mm)
0.65 ±0.05
---
H1 (mm)
0.50 ±0.15
---
P (mm)
0.80 ±0.05
0.80 ±0.05
L (mm)
3.20 ±0.15
3.20 ±0.15
T (mm)
0.60 ±0.10
0.60 ±0.10
W1 (mm)
0.30 ±0.15
0.30 ±0.15
W2 (mm)
1.60 ±0.15
1.60 ±0.15
Table 1
a
a
P
L
TC164
B
YNSC054-1
YC164
HH1
H
a
a
L
B
T
W1
W2
Fig. 6 YC/TC164 series chip resistors dimension
Fig. 1 Jumper=0Ω
YNSC010
0
Fig. 2 Jumper=0Ω
YNSC032
0


Similar Part No. - YC164-JR-070R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YC164-JR-071KL ETC2-YC164-JR-071KL Datasheet
338Kb / 8P
   This specification describes YC164 (convex) and TC164 (concave) series chip resistor arrays with lead-free terminations made by thick film process.
logo
YAGEO Corporation
YC164-JR-071KL YAGEO-YC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164-JR-0727RL YAGEO-YC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164-JR-07560RL YAGEO-YC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results

Similar Description - YC164-JR-070R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com