Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEE1VA100WAR Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEE1VA100WAR
Description  Surface Mount Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE1VA100WAR Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEE1VA100WAR Datasheet HTML 1Page - Panasonic Semiconductor EEE1VA100WAR Datasheet HTML 2Page - Panasonic Semiconductor EEE1VA100WAR Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ S
– EEE-7 –
High tempature Lead-Free reflow Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
Endurance
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(hours)
(pcs)
6.3
22
4
5.4
B
29
0.30
2000
EEE0JA220AR
(5)
2000
33
4
5.4
(B)
22
0.35
1000
EEE0JA330WAR
(5)
2000
47
5
5.4
C
46
0.30
2000
EEE0JA470AR
(5)
1000
100
55.4
(C)
47
0.40
1000
EEE0JA101WAR
(5)
1000
6.3
5.4
D
71
0.30
2000
EEE0JA101AP
(5)
1000
330
6.3
7.7
D8
188
0.30
2000
EEE0JA331XAP
(5)
900
86.2
E
300
0.35
2000
EEE0JA331AP
(7)
1000
470
8
10.2
(F)
380
0.35
1000
EEE0JA471UAP
(7)
500
1000
10
10.2
G
700
0.35
2000
EEE0JA102AP
(7)
500
1500
10
10.2
(G)
750
0.50
1000
EEE0JA152UAP
(7)
500
10
22
4
5.4
(B)
28
0.30
1000
EEE1AA220WAR
(5)
2000
33
45.4
(B)
29
0.30
1000
EEE1AA330WAR
(5)
2000
55.4
C
43
0.22
2000
EEE1AA330AR
(5)
1000
47
5
5.4
(C)
47
0.30
1000
EEE1AA470WAR
(5)
1000
100
55.4
(C)
50
0.30
1000
EEE1AA101WAR
(5)
1000
6.3
5.4
D
70
0.26
2000
EEE1AA101AP
(5)
1000
220
6.3
7.7
D8
173
0.22
2000
EEE1AA221XAP
(5)
900
86.2
E
250
0.26
2000
EEE1AA221AP
(7)
1000
330
8
10.2
F
390
0.26
2000
EEE1AA331AP
(7)
500
470
810.2
(F)
390
0.26
1000
EEE1AA471UAP
(7)
500
10
10.2
G
400
0.26
2000
EEE1AA471AP
(7)
500
1000
10
10.2
(G)
580
0.35
1000
EEE1AA102UAP
(7)
500
16
10
4
5.4
B
28
0.16
2000
EEE1CA100AR
(5)
2000
22
45.4
(B)
28
0.26
1000
EEE1CA220WAR
(5)
2000
55.4
C
39
0.16
2000
EEE1CA220AR
(5)
1000
33
5
5.4
(C)
35
0.26
1000
EEE1CA330WAR
(5)
1000
47
55.4
(C)
39
0.26
1000
EEE1CA470WAR
(5)
1000
6.3
5.4
D
70
0.16
2000
EEE1CA470AP
(5)
1000
100
6.3
5.4
(D)
70
0.26
1000
EEE1CA101WAP
(5)
1000
86.2
E
200
0.20
2000
EEE1CA101AP
(7)
1000
220
6.3
7.7
D8
162
0.20
2000
EEE1CA221XAP
(5)
900
810.2
(F)
280
0.20
1000
EEE1CA221UAP
(7)
500
330
810.2
(F)
320
0.20
1000
EEE1CA331UAP
(7)
500
10
10.2
G
380
0.20
2000
EEE1CA331AP
(7)
500
470
810.2
(F)
350
0.26
1000
EEE1CA471UAP
(7)
500
10
10.2
G
420
0.20
2000
EEE1CA471AP
(7)
500
25
4.7
4
5.4
B
22
0.14
2000
EEE1EA4R7AR
(5)
2000
10
45.4
(B)
22
0.20
1000
EEE1EA100WAR
(5)
2000
55.4
C
28
0.14
2000
EEE1EA100AR
(5)
1000
22
55.4
(C)
35
0.20
1000
EEE1EA220WAR
(5)
1000
6.3
5.4
D
55
0.14
2000
EEE1EA220AP
(5)
1000
33
55.4
(C)
42
0.20
1000
EEE1EA330WAR
(5)
1000
6.3
5.4
D
65
0.14
2000
EEE1EA330AP
(5)
1000
47
6.3
5.4
(D)
700.20
1000
EEE1EA470WAP
(5)
1000
100
86.2
(E)
91
0.16
1000
EEE1EA101UAP
(7)
1000
6.3
7.7
D8
143
0.16
2000
EEE1EA101XAP
(5)
900
810.2
F
180
0.16
2000
EEE1EA101AP
(7)
500
220
810.2
(F)
230
0.20
1000
EEE1EA221UAP
(7)
500
10
10.2
G
310
0.16
2000
EEE1EA221AP
(7)
500
330
810.2
(F)
270
0.20
1000
EEE1EA331UAP
(7)
500
10
10.2
G
340
0.16
2000
EEE1EA331AP
(7)
500
470
10
10.2
(G)
3800.25
1000
EEE1EA471UAP
(7)
500
✽ Size code( ):Miniaturization product
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
00 Nov. 2012


Similar Part No. - EEE1VA100WAR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE1VA100WAR PANASONIC-EEE1VA100WAR Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE1VA100WAR PANASONIC-EEE1VA100WAR Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors S
EEE1VA100WAR PANASONIC-EEE1VA100WAR Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE1VA100WAR PANASONIC-EEE1VA100WAR Datasheet
91Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE1VA100WAR PANASONIC-EEE1VA100WAR Datasheet
65Kb / 3P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEE1VA100WAR

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com