Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EYP05BE102 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EYP05BE102
Description  Thermal Cutoffs (TCO)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYP05BE102 Datasheet(HTML) 7 Page - Panasonic Semiconductor

  EYP05BE102 Datasheet HTML 1Page - Panasonic Semiconductor EYP05BE102 Datasheet HTML 2Page - Panasonic Semiconductor EYP05BE102 Datasheet HTML 3Page - Panasonic Semiconductor EYP05BE102 Datasheet HTML 4Page - Panasonic Semiconductor EYP05BE102 Datasheet HTML 5Page - Panasonic Semiconductor EYP05BE102 Datasheet HTML 6Page - Panasonic Semiconductor EYP05BE102 Datasheet HTML 7Page - Panasonic Semiconductor EYP05BE102 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Thermal Cutoffs (TCO)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
l
l
● Soldering point
>3mm
>3mm
>3mm
>3mm
>3mm
>3mm
grasped
grasped
Bending
Cutting
Fig-1
2. Soldering, Welding, Calking
1) Lead wires are to be soldered with the standard conditions shown in Table 1.
Excessive soldering heat and soldering time may cause damage to a TCO.
If higher temperature, longer time or shorter lead length exist rather than the conditions of Table 1 ,it is
recommended to run tests for finding the soldering conditions that do not
damage the TCO. Also, use of
tools such as pliers are recommended to dissipate the soldering heat by grasping lead wires between the
TCO body and soldering point.
2) Avoid preheating and gradual cooling as much as possible. However if preheating and gradual cooling is
done, set the process conditions after confirming that the TCO is not affected by these procedures.
3) Do not use reflow soldering.
4) Thin type (ML, MU series) is not to be soldered.
5) If water or solvent is used for cleaning flux after soldering, check and confirm the reliability of the agent.
6) Lead wires are to be clamped at least 3 mm away from the seals.
Improper connections may cause damage to the seals or other parts and may result in nuisance tripping of
the devices due to the generation of excessive heat at a faulty high resistance junction.
7) Set the conditions for welding and calking only after checking contact resistance and connection strength.
8) When resoldering or rewelding, cool the TCO under room conditions.
9) When the TCO is heated by soldering or welding, be careful not to pull, push or twist the TCO lead wires.
Table-1 Soldering Conditions
Temperature of Soldering: 300 °C
Time: 3 s
Lead Length (
k)Type No.
25 mm
N082, N088
F102
E102, E115
H102, H115
20 mm
N098, N109
N110
F115, F130
F133, F139
E130, E133
E139, E145
H130, H133
H139
15 mm
N124, N126
N135, N143
F168
H168
10 mm
N163
3. The use of sufficiently flexible, appropriate free length and proper size wire should be used for splice connection.
Connection including connectors used for splicing shall be of the low resistance type, and they shall be made
mechanically secure.
4. Where the lead wires of the TCO is tied with string, put them at least 10 mm apart from the seals of the main
body of the TCO.
5. Quality control notes.
1) Measurement of resistance between lead wires (terminals) and checking of the internal status with X-rays are
effective means to confirm the status of the TCO on delivery and after mounting in the equipment.
6. Storage method
1) Store the TCO in packing cases or in polyethylene bags within the temperature range -10 °C to +40 °C and
RH of 30 % to 75 %. Store them at a location where no rapid changes of temperature or humidity or no
direct sunlight is applied. The location must also be free from vibration and shock .
2) Avoid storage in places containing corrosive gases such as sea breeze, Cl2, H2S, NH3, SO2 and NO2.
3) The period of guarantee for performance such as solderability is for one year after our delivery; and this
condition applies only in the case where the storage method specified in above has been followed.
7. Do not repair a TCO. Replace it with a new part.
Mar. 2005


Similar Part No. - EYP05BE102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYP05BE102 PANASONIC-EYP05BE102 Datasheet
220Kb / 6P
   Thermal Cutoffs (TCO)/ Thermal-Links
More results

Similar Description - EYP05BE102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYP2BN082 PANASONIC-EYP2BN082 Datasheet
369Kb / 8P
   Thermal Cutoffs (TCO)
EYP-2MT098B PANASONIC-EYP-2MT098B Datasheet
220Kb / 6P
   Thermal Cutoffs (TCO)/ Thermal-Links
EYP2BN082 PANASONIC-EYP2BN082_10 Datasheet
168Kb / 7P
   Thermal Cutoffs (TCO)/ Thermal-links Small and Insulation Type High Reliability
logo
List of Unclassifed Man...
G4A01084C ETC2-G4A01084C Datasheet
515Kb / 22P
   MICROTEMP Thermal Cutoffs INTRODUCTION
G4A01144C ETC2-G4A01144C Datasheet
515Kb / 22P
   MICROTEMP Thermal Cutoffs INTRODUCTION
logo
Thermtrol Corporation
DF240S THERMTROL-DF240S Datasheet
136Kb / 2P
   DF SERIES 15 AMP THERMAL CUTOFFS
logo
Epson ToYoCom
TCO-711JT EPSONTOYOCOM-TCO-711JT Datasheet
408Kb / 1P
   TCO-711JT
TCO-787RH EPSONTOYOCOM-TCO-787RH Datasheet
376Kb / 1P
   TCO-787RH
TCO-7107Z1A EPSONTOYOCOM-TCO-7107Z1A Datasheet
307Kb / 1P
   TCO-7107Z1A
TCO-786NH EPSONTOYOCOM-TCO-786NH Datasheet
295Kb / 1P
   TCO-786NH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com