Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65842 Datasheet(PDF) 5 Page - EPCOS

Part # B65842
Description  Ferrites and accessories
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65842 Datasheet(HTML) 5 Page - EPCOS

  B65842 Datasheet HTML 1Page - EPCOS B65842 Datasheet HTML 2Page - EPCOS B65842 Datasheet HTML 3Page - EPCOS B65842 Datasheet HTML 4Page - EPCOS B65842 Datasheet HTML 5Page - EPCOS B65842 Datasheet HTML 6Page - EPCOS B65842 Datasheet HTML 7Page - EPCOS B65842 Datasheet HTML 8Page - EPCOS B65842 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Mounting assembly
The set comprises a yoke and a clamp
Yoke
Made of nickel silver (0.4 mm) with ground terminal (tinned)
Clamp
Spring clamp, made of nickel silver (0.3 mm), tinned
Yoke
Clamp
Ordering code
Complete mounting assembly
B65842S2000X000
B65842
Accessories
EP 10


Similar Part No. - B65842

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65842 EPCOS-B65842 Datasheet
577Kb / 7P
   Ferrites and accessories
logo
TDK Electronics
B65842 TDK-B65842 Datasheet
169Kb / 10P
   Ferrites and accessories
logo
EPCOS
B65842S2000X000 EPCOS-B65842S2000X000 Datasheet
577Kb / 7P
   Ferrites and accessories
B65842W1008D001 EPCOS-B65842W1008D001 Datasheet
577Kb / 7P
   Ferrites and accessories
logo
TDK Electronics
B65842W1008D001 TDK-B65842W1008D001 Datasheet
169Kb / 10P
   Ferrites and accessories
More results

Similar Description - B65842

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com