Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAH17-1024-G1 Datasheet(PDF) 1 Page - CUI INC

Part # MAH17-1024-G1
Description  absolute encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MAH17-1024-G1 Datasheet(HTML) 1 Page - CUI INC

  MAH17-1024-G1 Datasheet HTML 1Page - CUI INC MAH17-1024-G1 Datasheet HTML 2Page - CUI INC MAH17-1024-G1 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
DESCRIPTION: absolute encoder
1 of 3
11/16/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: MAH17
ELECTRICAL SPECIFICATIONS
output signals
G: gray code, N: natural binary, B: BCD (1000ppr only)
output circuit
NPN open collector
logic
negative logic (H=0, L=1)
current consumption
70mA or less (under no load)
frequency response
20 KHz
supply voltage
5 V dc ± 5%
output resolution (ppr)
256 (8 bit), 512 (9 bit), 100, 1024 (10 bit)
max ouput current
sink current each bit 4mA (output voltage resistance 7V)
MECHANICAL SPECIFICATIONS
max shaft loading,
radial:
1.9N (200gf)
thrust:
1.9N (200gf)
max rotational speed
6000 RPM
shock resistance
500m/s2 (50g), X, Y, Z each 3 times
vibration proof
55 Hz / 1.5mm 2h each X, Y, Z
weight
30g (with cable)
cable
256: outside diameter 3mm, 10-core vinyl wire insulated shield cable
(length 1m)
1024: vinyl wire (AWG32) cable length 300mm
ENVIRONMENTAL SPECIFICATIONS
operating temp
-10° to +70° C
storage temp
-20° to +80° C
humidity
RH 35%~ 90%, non collecting
ORDERING INSTRUCTIONS
MAH17 - XXXX-X1
Output Type:
G = Gray Code
N = Natural Binary
B = BCD (1000ppr only)
Resolution (PPR):
256 = 256 PPR
512 = 512 PPR
1000 = 1000 PPR
1024 = 1024 PPR


Similar Part No. - MAH17-1024-G1

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAH1 MMD-MAH1 Datasheet
588Kb / 2P
   14 Pin DIP Oscillator
logo
International Rectifier
MAH1000503R30812Q IRF-MAH1000503R30812Q Datasheet
532Kb / 20P
   HIGH RELIABILITY RADIATION HARDENED QUAD OUTPUT DC-DC CONVERTER
MAH1000503R30812Q IRF-MAH1000503R30812Q Datasheet
1Mb / 20P
   100V Input, Quad Output
MAH1000503R30812Q IRF-MAH1000503R30812Q_15 Datasheet
1Mb / 20P
   100V Input, Quad Output
MAH10005050812Q IRF-MAH10005050812Q Datasheet
317Kb / 20P
   HIGH RELIABILITY RADIATION HARDENED QUAD OUTPUT DC-DC CONVERTER
More results

Similar Description - MAH17-1024-G1

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
   absolute encoder
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
   absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
   absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
   absolute encoder
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
logo
ASM GmbH
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
   Absolute Encoder Output
logo
Pepperl+Fuchs Inc.
DVM58N-011AGR0BY-1213 PF-DVM58N-011AGR0BY-1213 Datasheet
301Kb / 4P
   Multiturn absolute encoder
PVM78E PF-PVM78E Datasheet
604Kb / 6P
   Multiturn absolute encoder
DVS78E PF-DVS78E Datasheet
570Kb / 6P
   Singleturn absolute encoder
ESS58-PZ PF-ESS58-PZ Datasheet
339Kb / 4P
   Singleturn absolute encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com