Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESE11SV1 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ESE11SV1
Description  Detector Switches/ESE11
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ESE11SV1 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ESE11SV1 Datasheet HTML 1Page - Panasonic Semiconductor ESE11SV1 Datasheet HTML 2Page - Panasonic Semiconductor ESE11SV1 Datasheet HTML 3Page - Panasonic Semiconductor ESE11SV1 Datasheet HTML 4Page - Panasonic Semiconductor ESE11SV1 Datasheet HTML 5Page - Panasonic Semiconductor ESE11SV1 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Detector Switches/ESE11
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES48 –
Common
terminal
Lever
Frame
Frame
Common
terminal
Common
terminal
Common
terminal
Common
terminal
MH, SH Type
1-pole 1-throw (N.O)
1-pole 1-throw (N.O)
1-pole 1-throw (N.O)
1
1
2
C
C
C
MV, SV Type
SF, HS Type
CC
16.4
φ380±2.0
END
TOP
P=12.0
±0.1
4.0
±0.1
2.0
±0.1
Carrier tape
Cover tape
Drawing direction
Pilot holes Leading portion 400 mm min.
Packed portion
(100 mm min.)
(160 mm min.)
Non-packed portion
Non-packed portion
END
TOP
P=12.0
±0.1
4.0
±0.1
2.0
±0.1
Carrier tape
Cover tape
Drawing direction
Pilot holes Leading portion 400 mm min.
Packed portion
(100 mm min.)
(160 mm min.)
Non-packed portion
Non-packed portion
Circuit Diagram
Packaging Specifications
Standard Reel Dimensions in mm (not to scale)
Taping Reel
Embossed Carrier Taping
ESE11MV1T, ESE11MV5T, ESE11MV9T
ESE11MH1T, ESE11MH2T
Oct. 2012
00


Similar Part No. - ESE11SV1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ESE11SV PANASONIC-ESE11SV Datasheet
193Kb / 5P
   ESE11 Detector Switches
201712-Fd
More results

Similar Description - ESE11SV1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ESE11 PANASONIC-ESE11 Datasheet
193Kb / 5P
   ESE11 Detector Switches
201712-Fd
logo
E-SWITCH
TD1105A E-SWITCH-TD1105A Datasheet
274Kb / 2P
   DETECTOR SWITCHES
logo
Panasonic Semiconductor
ESE-13H01B PANASONIC-ESE-13H01B Datasheet
100Kb / 3P
   1VL Detector Switches
ESE-2161AT PANASONIC-ESE-2161AT Datasheet
158Kb / 2P
   2NV Detector Switches
ESE-18L61B PANASONIC-ESE-18L61B Datasheet
166Kb / 5P
   1HL Detector Switches
ESE-31R11T PANASONIC-ESE-31R11T Datasheet
81Kb / 2P
   Detector Switches/ESE31
ESE24MH1T PANASONIC-ESE24MH1T Datasheet
130Kb / 3P
   2W Detector Switches
ESE-18RJ02 PANASONIC-ESE-18RJ02 Datasheet
724Kb / 5P
   1HL Detector Switches
ESE18R61B PANASONIC-ESE18R61B Datasheet
166Kb / 5P
   1HL Detector Switches
ESE13 PANASONIC-ESE13 Datasheet
100Kb / 3P
   1VL Detector Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com