Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERAV39J103V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERAV39J103V
Description  Metal Film Thermosensitive Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERAV39J103V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERAV39J103V Datasheet HTML 1Page - Panasonic Semiconductor ERAV39J103V Datasheet HTML 2Page - Panasonic Semiconductor ERAV39J103V Datasheet HTML 3Page - Panasonic Semiconductor ERAV39J103V Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Metal Film Thermosensitive Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
0
–40
–20
0
20
40
60
80
100
120
140
20
40
60
80
100
120
Ambient Temperature(
°C)
70
°C
125
°C
–30
–40
–25
0
25
50
75
100
125
–20
–10
0
10
20
30
40
50
60
Ambient Temperature (
°C)
3900 10
–6/
°C (ppm/°C)
2700 10
–6/
°C (ppm/°C)
1500 10
–6/
°C (ppm/°C)
Type
(inched)
Power Rating
at 70 °C
(W)
Standard Specification
(1)
T.C.R.
Tolerance
Resistance
Tolerance
(%)
Standard
Resistance
Values
T.C.R.
( 10
–6/°C)
(2)
Resistance
Range ( )
ERAW
(0402)
0.031
2700
3300
43 to 1 k
22 to 390
±10 %
±5
E12
ERAV
(0603)
0.063
1500
10 to 10 k
±200 10
-6 /°C
±5
E12
2700
3300
3900
43 to 3.3 k
22 to 1.2 k
7.5 to 390
±10 %
ERAS
(0805)
0.1
1500
10 to 10 k
±200 10
-6 /°C
±5
E12
2700
3300
3900
43 to 5.1 k
22 to 1.8 k
6.2 to 470
±10 %
R75-R25
R25
1
75–25
(2) T.C.R.=
{
10
6
} 10–6/°C
R25: Resistance value at reference temperature 25 °C
R75: Resistance value at temperature 75 °C
Power Derating Curve
For r e s i s t or s o p er a t ed in a m bient
temperatures above 70 °C, power rating
shall be derated in accordance with the
figure on the right.
Typical Linearity of Resistance Change
Category Temperature Range
–40 °C to +125 °C
Ratings
(1) Please ask us when resistors other than standard specification shown in the above table are needed.
Sep. 2010
00


Similar Part No. - ERAV39J103V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERAV PANASONIC-ERAV Datasheet
196Kb / 2P
   Surface Mount Chip Resistors
ERAV0603 PANASONIC-ERAV0603 Datasheet
95Kb / 4P
   Metal Film Thermosensitive Chip Resistors
More results

Similar Description - ERAV39J103V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-W33J121X PANASONIC-ERA-W33J121X Datasheet
95Kb / 4P
   Metal Film Thermosensitive Chip Resistors
ERA-6YKD244V PANASONIC-ERA-6YKD244V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
ERA3YEB243V PANASONIC-ERA3YEB243V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
ERA-6YEB183V PANASONIC-ERA-6YEB183V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Panasonic Semiconductor
ERA-3YEB103V PANASONIC-ERA-3YEB103V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA-3YEB203V PANASONIC-ERA-3YEB203V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
logo
List of Unclassifed Man...
RR0306 ETC-RR0306 Datasheet
54Kb / 1P
   high-precision metal film chip resistors
logo
Panasonic Semiconductor
ERA-3YEB122V PANASONIC-ERA-3YEB122V Datasheet
186Kb / 3P
   Metal Film Chip Resistors 0603, 0805
ERA-14EB221U PANASONIC-ERA-14EB221U Datasheet
111Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com