Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERAW39J103V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERAW39J103V
Description  Metal Film Thermosensitive Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERAW39J103V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERAW39J103V Datasheet HTML 1Page - Panasonic Semiconductor ERAW39J103V Datasheet HTML 2Page - Panasonic Semiconductor ERAW39J103V Datasheet HTML 3Page - Panasonic Semiconductor ERAW39J103V Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film Thermosensitive Chip Resistors
T
A
P0
P2
P1
P1
φD0
(2 mm pitch)
W2
W1
φA
φC
a
b
Chip Resistor
Punched Carrier
Attention
This product has high temperature coefficient. When measuring resistance, the resistance value can change due
to Joule Heating. Therefore, the measuring current shall be very small in order to prevent the resistance value from
changing. (For example, when the resistor is used at RCWV, temperature of the resistor rise about 15 °C and the
resistance value rise a few percents.) Resistance value may also change due to the ambient temperature. Resistance
value is measured at 25 °C.
Recommended Land Pattern
Anexample of a land pattern to Metal Film Thermosensitive Chip Resistors is shown below.
Example
Packaging Methods (Taping)
● Standard Quantity
● Taping Reel
● Carrier Tape
(Unit : mm)
(Unit : mm)
Type
(inch size)
Dimensions (mm)
ab
c
ERAW
(0402)
0.5 to 0.6
1.4 to 1.6
0.4 to 0.6
ERAV
(0603)
0.7 to 0.9
2.0 to 2.2
0.8 to 1.0
ERAS
(0805)
1.0 to 1.4
3.2 to 3.8
0.9 to 1.4
Type
Kind of Taping
Pitch (P1)Quantity
ERAW
Punched Carrier Taping
2 mm
10000 pcs./reel
ERAV
4 mm
5000 pcs./reel
ERAS
Type
A
B
W
F
E
P
1
P
2
P
0
φD
0
T
ERAW
0.67
±0.05
1.17
±0.05
8.00
±0.20
3.50
±0.05
1.75
±0.10
2.00
±0.10
2.00
±0.05
4.00
±0.10
1.50
+0.10
0.52
±0.05
ERAV
1.10
±0.10
1.19
±0.10
4.00
±0.10
0.70
±0.05
ERAS
1.65
±0.15
2.50
±0.20
0.84
±0.05
–0
Type
φA
φN
φC
W
1
W
2
ERAW
180.0
+0
60
+1.0
13.0
±0.2
9.0
+1.0
11.4
±1.0
ERAV
ERAS
–1.5
–0
–0
Sep. 2010
00


Similar Part No. - ERAW39J103V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERAW PANASONIC-ERAW Datasheet
196Kb / 2P
   Surface Mount Chip Resistors
ERAW0402 PANASONIC-ERAW0402 Datasheet
95Kb / 4P
   Metal Film Thermosensitive Chip Resistors
More results

Similar Description - ERAW39J103V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-W33J121X PANASONIC-ERA-W33J121X Datasheet
95Kb / 4P
   Metal Film Thermosensitive Chip Resistors
ERA-6YKD244V PANASONIC-ERA-6YKD244V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
ERA3YEB243V PANASONIC-ERA3YEB243V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
ERA-6YEB183V PANASONIC-ERA-6YEB183V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Panasonic Semiconductor
ERA-3YEB103V PANASONIC-ERA-3YEB103V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA-3YEB203V PANASONIC-ERA-3YEB203V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
logo
List of Unclassifed Man...
RR0306 ETC-RR0306 Datasheet
54Kb / 1P
   high-precision metal film chip resistors
logo
Panasonic Semiconductor
ERA-3YEB122V PANASONIC-ERA-3YEB122V Datasheet
186Kb / 3P
   Metal Film Chip Resistors 0603, 0805
ERA-14EB221U PANASONIC-ERA-14EB221U Datasheet
111Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com