Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK6S50547YG Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXK6S50547YG
Description  Narrow pitch connectors (0.5mm pitch)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK6S50547YG Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXK6S50547YG Datasheet HTML 1Page - Panasonic Semiconductor AXK6S50547YG Datasheet HTML 2Page - Panasonic Semiconductor AXK6S50547YG Datasheet HTML 3Page - Panasonic Semiconductor AXK6S50547YG Datasheet HTML 4Page - Panasonic Semiconductor AXK6S50547YG Datasheet HTML 5Page - Panasonic Semiconductor AXK6S50547YG Datasheet HTML 6Page - Panasonic Semiconductor AXK6S50547YG Datasheet HTML 7Page - Panasonic Semiconductor AXK6S50547YG Datasheet HTML 8Page - Panasonic Semiconductor AXK6S50547YG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5(S)/6(S))
ACCTB22E 201303-T
2. P5KS (4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm, 7.0 mm, 8.0 mm and 9.0 mm)
PRODUCT TYPES
1. P5K
Notes: 1. Regarding ordering units: During production: Please make orders in 1 reel units.
Samples for mounting confirmation: Available in units of 50 pieces. Please contact our sales office.
Samples: Small lot orders are possible.
2. The standard type comes without positioning bosses.
Product
name
Mated
height
No. of pins
Part No.
Packing
Socket
Header
Inner carton (1 reel)
Outer carton
P5K
3.0 mm
20
AXK520147YG
AXK620347YG
1,500 pieces
3,000 pieces
22
AXK522147YG
AXK622347YG
30
AXK530147YG
AXK630347YG
40
AXK540147YG
AXK640347YG
50
AXK550147YG
AXK650347YG
60
AXK560147YG
AXK660347YG
70
AXK570147YG
AXK670347YG
80
AXK580147YG
AXK680347YG
100
AXK500147YG
AXK600347YG
120
AXK5A2147YG
AXK6A2347YG
3.5 mm
20
AXK520147YG
AXK620247YG
22
AXK522147YG
AXK622247YG
30
AXK530147YG
AXK630247YG
34
AXK534147YG
AXK634247YG
40
AXK540147YG
AXK640247YG
50
AXK550147YG
AXK650247YG
60
AXK560147YG
AXK660247YG
70
AXK570147YG
AXK670247YG
80
AXK580147YG
AXK680247YG
100
AXK500147YG
AXK600247YG
120
AXK5A2147YG
AXK6A2247YG
Mated height
<Socket>
0: For mated height 4.0 mm, 5.0 mm and 6.0 mm
2: For mated height 4.5 mm, 5.5 mm and 6.5 mm
3: For mated height 7.0 mm, 8.0 mm and 9.0 mm
<Header>
4: For mated height 4.0 mm, 4.5 mm and 7.0 mm
5: For mated height 5.0 mm, 5.5 mm and 8.0 mm
6: For mated height 6.0 mm, 6.5 mm and 9.0 mm
Surface treatment (Contact portion / Terminal portion)
7: Ni plating on base, Au plating on surface /
Ni plating on base, Au plating on surface (Ni barrier product)
Number of pins (2 digits)
Contact portion
<Socket> Y: V notch type product
<Header> Y: V notch type product
Packing
G: 1,500 pieces embossed tape and plastic reel
× 2
Socket: Mated heights 4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm
Header: Mated heights 4.0 mm, 4.5 mm, 7.0 mm
1,000 pieces plastic reel
× 2
Socket: Mated heights 7.0 mm, 8.0 mm, 9.0 mm
Header: Mated heights 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm, 8.0 mm, 9.0 mm
5S: Narrow Pitch Connector P5KS Socket
6S: Narrow Pitch Connector P5KS Header
Functions
3: With positioning boss and direction for protection from reverse mating
4: Without positioning boss/with direction for protection from reverse mating
7: With positioning boss/without direction for protection from reverse mating
8: Without positioning boss and direction for protection from reverse mating
AXK
7
Y
G
Note: Models with mating directionality to prevent reverse insertion have less than 100 pin contacts. Models without mating directionality
to prevent reverse insertion have over 100 pin contacts.


Similar Part No. - AXK6S50547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6S50547YG PANASONIC-AXK6S50547YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK6S50547YG PANASONIC-AXK6S50547YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK6S50547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com