Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETED2Q271HJ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EETED2Q271HJ
Description  Aluminum Electrolytic Capacitors/ ED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETED2Q271HJ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EETED2Q271HJ Datasheet HTML 1Page - Panasonic Semiconductor EETED2Q271HJ Datasheet HTML 2Page - Panasonic Semiconductor EETED2Q271HJ Datasheet HTML 3Page - Panasonic Semiconductor EETED2Q271HJ Datasheet HTML 4Page - Panasonic Semiconductor EETED2Q271HJ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Aluminum Electrolytic Capacitors/ ED
— EE128 —
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
Endurance : 105
°C 3000h
Terminal Pitch : 10mm
When capacitors of
φ35×45L and φ35×50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
(mm)
(pcs)
(V)
(A)
n
(mm)
(µF)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(50kHz)
(+105
°C)
Standard Products
270
22
25
2.03
0.15
EETED2D271HJ
200
330
22
30
2.23
0.15
EETED2D331HJ
200
390
22
30
2.44
0.15
EETED2D391HJ
200
25
25
2.44
0.15
EETED2D391JJ
200
470
22
35
2.64
0.15
EETED2D471HJ
200
25
30
2.64
0.15
EETED2D471JJ
200
560
22
40
3.05
0.15
EETED2D561HJ
200
25
30
3.05
0.15
EETED2D561JJ
200
30
25
3.05
0.15
EETED2D561KJ
200
680
22
45
3.45
0.15
EETED2D681HJ
200
25
35
3.45
0.15
EETED2D681JJ
200
200
30
30
3.45
0.15
EETED2D681KJ
200
820
22
50
3.76
0.15
EETED2D821HJ
200
25
40
3.76
0.15
EETED2D821JJ
200
30
30
3.76
0.15
EETED2D821KJ
200
35
25
3.76
0.15
EETED2D821LJ
200
1000
25
45
4.06
0.15
EETED2D102JJ
200
30
35
4.06
0.15
EETED2D102KJ
100
35
30
4.06
0.15
EETED2D102LJ
200
1200
30
40
4.47
0.15
EETED2D122KJ
100
35
35
4.47
0.15
EETED2D122LJ
100
1500
30
50
5.08
0.15
EETED2D152KJ
100
35
40
5.08
0.15
EETED2D152LJ
100
1800
35
45
5.48
0.15
EETED2D182LJ
100
2200
35
50
5.89
0.15
EETED2D222LJ
100
270
22
30
2.03
0.15
EETED2Q271HJ
200
330
22
30
2.23
0.15
EETED2Q331HJ
200
25
25
2.23
0.15
EETED2Q331JJ
200
390
22
35
2.44
0.15
EETED2Q391HJ
200
25
30
2.44
0.15
EETED2Q391JJ
200
470
22
40
2.64
0.15
EETED2Q471HJ
200
25
30
2.64
0.15
EETED2Q471JJ
200
220
30
25
2.64
0.15
EETED2Q471KJ
200
560
22
45
3.05
0.15
EETED2Q561HJ
200
25
35
3.05
0.15
EETED2Q561JJ
200
30
30
3.05
0.15
EETED2Q561KJ
200
680
25
40
3.45
0.15
EETED2Q681JJ
200
30
30
3.45
0.15
EETED2Q681KJ
200
35
25
3.45
0.15
EETED2Q681LJ
200
820
25
45
3.76
0.15
EETED2Q821JJ
200
30
35
3.76
0.15
EETED2Q821KJ
100
tan
δ
(120Hz)
(+20
°C)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)


Similar Part No. - EETED2Q271HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETED2Q271HJ PANASONIC-EETED2Q271HJ Datasheet
215Kb / 4P
   Snap-in Type
More results

Similar Description - EETED2Q271HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-ED2D220 PANASONIC-EEU-ED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G220 PANASONIC-EEU-ED2G220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2E470 PANASONIC-EEU-ED2E470 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G470 PANASONIC-EEU-ED2G470 Datasheet
158Kb / 3P
   Aluminum Electrolytic Capacitors ED
EEU-ED2C221 PANASONIC-EEU-ED2C221 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2D220 PANASONIC-EEUED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com