Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK6S40447YG Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AXK6S40447YG
Description  Narrow pitch connectors (0.5mm pitch)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK6S40447YG Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AXK6S40447YG Datasheet HTML 5Page - Panasonic Semiconductor AXK6S40447YG Datasheet HTML 6Page - Panasonic Semiconductor AXK6S40447YG Datasheet HTML 7Page - Panasonic Semiconductor AXK6S40447YG Datasheet HTML 8Page - Panasonic Semiconductor AXK6S40447YG Datasheet HTML 9Page - Panasonic Semiconductor AXK6S40447YG Datasheet HTML 10Page - Panasonic Semiconductor AXK6S40447YG Datasheet HTML 11Page - Panasonic Semiconductor AXK6S40447YG Datasheet HTML 12Page - Panasonic Semiconductor AXK6S40447YG Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5(S)/6(S))
ACCTB22E 201303-T
EMBOSSED TAPE DIMENSIONS (unit: mm, Common for respective contact type, socket and header)
Dimension table (mm)
Suffix: G (1 reel, 1,500 pieces or 1,000 pieces embossed tape and plastic reel package)
Connector orientation with respect to direction of progress of embossed tape
Type
Mated height
No. of pins
Type of taping
A
B
C
D
Quantity per reel
P5K
Socket and header are common
3.0mm, 3.5mm
20 to 50
Tape I
24.00
11.50
25.40
1,500 pcs.
60 to 70
Tape II
32.00
28.40
14.20
33.40
80 to 100
Tape II
44.00
40.40
20.20
45.40
120
Tape II
56.00
52.40
26.20
57.40
P5KS
Socket: 4.0mm, 4.5mm, 5.0mm,
5.5mm, 6.0mm, 6.5mm
Header: 4.0mm, 4.5mm, 7.0mm
20 to 50
Tape I
24.00
11.50
25.40
1,500 pcs.
60 to 70
Tape II
32.00
28.40
14.20
33.40
80 to 100
Tape II
44.00
40.40
20.20
45.40
120 to 160
Tape II
56.00
52.40
26.20
57.40
Socket: 7.0mm, 8.0mm, 9.0mm
Header: 5.0mm, 5.5mm, 6.0mm,
6.5mm, 8.0mm, 9.0mm
20 to 50
Tape I
24.00
11.50
25.40
1,000 pcs.
60 to 70
Tape II
32.00
28.40
14.20
33.40
80 to 100
Tape II
44.00
40.40
20.20
45.40
130
Tape II
56.00
52.40
26.20
57.40
• Tape dimensions (Conforming to JIS C 0806:1990.
However, some tapes have mounting hole pitches that do
not comply with the standard.)
Tape I
Tape II
1.75
C
12.0
A
±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
12.0
A
±0.3
4
2
B
1.5
dia.
+0.1
0
• Plastic reel dimensions (Conforming to EIAJ ET–7200B)
D
±1
Top cover tape
Taping reel
Embossed carrier tape
Embossed mounting-hole
Label
Type
Direction
of tape progress
P5K
P5KS (Less than 100 contacts)
P5KS 120, 130, 160 contacts
Socket
Header
Socket
Header
Socket
Header
Note: There is no indication on this product
regarding top-bottom or left-right
orientation.
This corner is oriented on the C side.
This corner is oriented on the C side.
This corner is oriented on the C side.
This corner is oriented on the C side.


Similar Part No. - AXK6S40447YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6S40447YG PANASONIC-AXK6S40447YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK6S40447YG PANASONIC-AXK6S40447YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK6S40447YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com