Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK6S34447YG Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXK6S34447YG
Description  Narrow pitch connectors (0.5mm pitch)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK6S34447YG Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXK6S34447YG Datasheet HTML 1Page - Panasonic Semiconductor AXK6S34447YG Datasheet HTML 2Page - Panasonic Semiconductor AXK6S34447YG Datasheet HTML 3Page - Panasonic Semiconductor AXK6S34447YG Datasheet HTML 4Page - Panasonic Semiconductor AXK6S34447YG Datasheet HTML 5Page - Panasonic Semiconductor AXK6S34447YG Datasheet HTML 6Page - Panasonic Semiconductor AXK6S34447YG Datasheet HTML 7Page - Panasonic Semiconductor AXK6S34447YG Datasheet HTML 8Page - Panasonic Semiconductor AXK6S34447YG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5(S)/6(S))
ACCTB22E 201303-T
ORDERING INFORMATION
1. P5K (3.0 mm and 3.5 mm)
For board-to-board
P5K, P5KS
Series
Narrow pitch connectors
(0.5mm pitch)
Note: The external appearance and PC board pattern
differs between the P5K and P5KS series.
FEATURES
1. The product lineup consists of
3.0 mm, 3.5 mm, 4.0 mm, 4.5 mm,
5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm,
7.0 mm, 8.0 mm, and 9.0 mm mated
heights.
2. Strong resistance to adverse
environments! Utilizes
“” construction
for high contact reliability.
3. Even with a low profile, the effective
mating length has been extended to
ensure that there for insertion.
4. Automatic mounting
1) Suction area for automatic mounting
machines is employed.
APPLICATIONS
Digital devices, such as laptop, digital
still cameras and digital video
cameras
Socket
Header
Socket
• P5K
• P5KS
Header
RoHS compliant
Type
Mated height
Notes
P5K
3 mm, 3.5 mm
The external
appearance and
PC board pattern
differs for the P5K
and P5KS series.
P5KS
4 mm, 4.5 mm,
5 mm, 5.5 mm,
6 mm, 6.5 mm,
7 mm, 8 mm,
9 mm
Type
Effective mating length
P5K
0.65 mm
P5KS
1.0 mm
Effective mating length
With long effective
mating lengths, even
if the connection is
not perfect, the
electrical connection
is more than enough
for normal operations.
Suction face
P5K Header
P5K Socket
Mated height
<Socket>
1: For mated height 3.0 mm and 3.5 mm
<Header>
2: For mated height 3.5 mm
3: For mated height 3.0 mm
Surface treatment (Contact portion / Terminal portion)
7: Ni plating on base, Au plating on surface /
Ni plating on base, Au plating on surface (Ni barrier product)
Contact portion
<Socket> Y: V notch type product
<Header> Y: V notch type product
Number of pins (2 digits)
Packing
G: 1,500 pieces embossed tape and plastic reel
× 2
5: Narrow Pitch Connector P5K Socket
6: Narrow Pitch Connector P5K Header
Functions
4: Without positioning bosses
AXK
7
Y
G


Similar Part No. - AXK6S34447YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6S34447YG PANASONIC-AXK6S34447YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK6S34447YG PANASONIC-AXK6S34447YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK6S34447YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com