Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFIC1808 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRFIC1808
Description  1.9 GHz GaAs LOW NOISE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1808 Datasheet(HTML) 5 Page - Motorola, Inc

  MRFIC1808 Datasheet HTML 1Page - Motorola, Inc MRFIC1808 Datasheet HTML 2Page - Motorola, Inc MRFIC1808 Datasheet HTML 3Page - Motorola, Inc MRFIC1808 Datasheet HTML 4Page - Motorola, Inc MRFIC1808 Datasheet HTML 5Page - Motorola, Inc MRFIC1808 Datasheet HTML 6Page - Motorola, Inc MRFIC1808 Datasheet HTML 7Page - Motorola, Inc MRFIC1808 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MRFIC1808
MOTOROLA RF DEVICE DATA
Table 1. Scattering Parameters (VDD = 3 Volts, TA = 25°C, RX ENABLE = 3 Volts, 50 W System)
f
S11
S21
S12
S22
f
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
1500
0.859
–40.95
2.58
139.07
0.013
103.72
0.583
–79.05
1530
0.870
–41.50
2.79
134.79
0.013
105.63
0.530
–80.94
1560
0.866
–42.06
3.01
130.60
0.013
99.14
0.474
–82.85
1590
0.871
–42.92
3.18
125.11
0.014
98.40
0.412
–83.57
1620
0.873
–43.47
3.30
118.70
0.012
98.00
0.348
–83.11
1650
0.876
–43.60
3.37
112.85
0.012
97.39
0.285
–80.54
1680
0.877
–44.86
3.52
106.23
0.012
92.68
0.229
–73.01
1710
0.880
–45.35
3.68
100.77
0.011
93.90
0.186
–60.35
1740
0.876
–46.03
3.80
94.40
0.012
93.12
0.168
–40.74
1770
0.876
–47.22
3.87
88.75
0.011
88.55
0.182
–20.50
1800
0.885
–48.69
3.98
82.96
0.010
88.40
0.221
–6.82
1830
0.879
–48.55
3.98
76.83
0.010
89.46
0.272
–0.29
1860
0.881
–49.87
3.98
71.11
0.009
94.75
0.324
3.05
1890
0.885
–50.71
4.00
66.38
0.009
97.00
0.376
4.39
1920
0.878
–51.81
4.09
61.64
0.009
88.22
0.425
4.25
1950
0.873
–52.42
4.19
56.66
0.008
87.57
0.474
3.79
1980
0.860
–52.98
4.15
51.32
0.007
88.75
0.522
2.22
2010
0.866
–54.24
3.98
44.93
0.006
100.17
0.564
0.85
2040
0.859
–56.12
3.85
40.93
0.005
87.86
0.599
–0.87
2070
0.861
–56.69
3.89
37.99
0.004
99.30
0.634
–3.01
2100
0.850
–57.79
4.04
35.71
0.004
98.94
0.661
–4.59
2130
0.844
–58.53
4.18
31.89
0.004
118.15
0.691
–6.96
2160
0.834
–60.21
4.21
26.88
0.003
137.84
0.714
–8.94
2190
0.834
–61.26
4.15
22.38
0.003
141.53
0.734
–11.49
2220
0.830
–62.53
4.17
18.75
0.004
–164.13
0.760
–13.48
2250
0.817
–63.84
4.22
14.85
0.004
–172.30
0.776
–15.27
2280
0.812
–64.69
4.21
9.17
0.005
–165.76
0.787
–17.20
2310
0.811
–66.64
4.14
4.09
0.006
–148.57
0.805
–19.42
2340
0.800
–67.89
3.95
1.20
0.007
–153.96
0.808
–21.63
2370
0.794
–69.40
3.83
0.29
0.008
–144.49
0.819
–23.38
2400
0.791
–72.05
3.88
0.33
0.009
–133.12
0.822
–26.10
2430
0.784
–73.59
4.09
–2.06
0.012
–138.06
0.826
–28.21
2460
0.774
–75.60
4.30
–8.63
0.014
–138.55
0.824
–30.43
2490
0.769
–78.81
4.33
–16.94
0.015
–146.05
0.821
–32.72
2520
0.751
–80.46
4.31
–23.37
0.018
–148.25
0.815
–35.42
2550
0.737
–83.20
4.23
–27.46
0.021
–149.08
0.798
–37.56
2580
0.707
–86.12
4.08
–32.67
0.024
–155.44
0.767
–39.31


Similar Part No. - MRFIC1808

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1801 MOTOROLA-MRFIC1801 Datasheet
68Kb / 4P
   1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1803 MOTOROLA-MRFIC1803 Datasheet
119Kb / 6P
   1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC1808

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1105F NJRC-NJG1105F Datasheet
52Kb / 5P
   1.9/2.1GHz LOW NOISE AMPLIFIER GaAs MMIC
logo
Motorola, Inc
MRFIC1501 MOTOROLA-MRFIC1501 Datasheet
189Kb / 8P
   1.6 GHz GaAs LOW NOISE AMPLIFIER
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
TriQuint Semiconductor
QPA2626 TRIQUINT-QPA2626 Datasheet
1Mb / 14P
   17-22 GHz GaAs Low Noise Amplifier
logo
Qorvo, Inc
QPA2626 QORVO-QPA2626 Datasheet
1Mb / 15P
   17 ??22 GHz GaAs Low Noise Amplifier
QPA2626 QORVO-QPA2626_V01 Datasheet
1Mb / 15P
   17 – 22 GHz GaAs Low Noise Amplifier
Nov. 2021
logo
TriQuint Semiconductor
QPA2628D TRIQUINT-QPA2628D Datasheet
1Mb / 14P
   25 ??31 GHz GaAs Low Noise Amplifier
logo
Qorvo, Inc
QPA2609 QORVO-QPA2609 Datasheet
1Mb / 17P
   7 ??14 GHz GaAs Low Noise Amplifier
logo
TriQuint Semiconductor
QPA2735 TRIQUINT-QPA2735 Datasheet
1Mb / 14P
   13.75 ??18 GHz GaAs Low Noise Amplifier
logo
Qorvo, Inc
QPA2735 QORVO-QPA2735 Datasheet
1Mb / 15P
   13 ??20 GHz GaAs Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com